Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO103B Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO103B
Description  Low-Cost, Internally Powered ISOLATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO103B Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ISO103B Datasheet HTML 1Page - Burr-Brown (TI) ISO103B Datasheet HTML 2Page - Burr-Brown (TI) ISO103B Datasheet HTML 3Page - Burr-Brown (TI) ISO103B Datasheet HTML 4Page - Burr-Brown (TI) ISO103B Datasheet HTML 5Page - Burr-Brown (TI) ISO103B Datasheet HTML 6Page - Burr-Brown (TI) ISO103B Datasheet HTML 7Page - Burr-Brown (TI) ISO103B Datasheet HTML 8Page - Burr-Brown (TI) ISO103B Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
ISO103
4
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC2 = ±15VDC, ±15mA output current, unless otherwise noted.
RECOMMENDED RANGE OF ISOLATION VOLTAGE
100
1k
10k
100k
1M
10M
10k
2.1k
1k
100
10
1
Barrier Voltage Rating
Non-Specified
Signal
Operation
2100V
at 75kHz
Operational
Region
Isolation Voltage Frequency (Hz)
IMR/LEAKAGE vs FREQUENCY
140
130
120
110
100
10
100
1k
10k
100k
10m
1m
100µ
10µ
100n
Leakage at
1500Vrms
Leakage at
240Vrms
IMR
Isolation Voltage Frequency (Hz)
90
DISTORTION vs FREQUENCY
20
100
1k
10k
Frequency (Hz)
20k
10
3
1
0.3
0.1
0.03
0.01
V = 2Vp-p
O
V = 20Vp-p
O
GAIN/PHASE vs FREQUENCY
1k
100
10k
100k
Small Signal Frequency (Hz)
3
0
–3
–9
–12
–15
–6
0
45
90
135
180
GAIN
PHASE
20
10
0
–10
–20
Time (µs)
0
50
100
LARGE SIGNAL TRANSIENT RESPONSE
ISOLATED POWER SUPPLY
LOAD REGULATION AND EFFICIENCY
±V
Supply Output Current (mA)
CC1
10
20
20
40
30
60
40
80
0
15
30
45
60
17
16
15
14
13
Output Voltage
Single-Ended Loads
0
0
Output Voltage
Balanced Loads
Balanced Load Efficiency


Similar Part No. - ISO103B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100AP BURR-BROWN-ISO100AP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100BP BURR-BROWN-ISO100BP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100CP BURR-BROWN-ISO100CP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO102 BURR-BROWN-ISO102 Datasheet
230Kb / 15P
   SIGNAL ISOLATION BUFFER AMPLIFIERS
More results

Similar Description - ISO103B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO113 BURR-BROWN-ISO113 Datasheet
104Kb / 8P
   Low-Cost, High-Voltage, Internally Powered OUTPUT ISOLATION AMPLIFIER
ISO107 BURR-BROWN-ISO107 Datasheet
119Kb / 8P
   High-Voltage, Internally Powered ISOLATION AMPLIFIER
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
290A ETC1-290A Datasheet
45Kb / 1P
   Low Cost Single and Multichannel Isolation Amplifier
logo
Intronics Power, Inc.
290A INTRONICS-290A Datasheet
1Mb / 6P
   Low Cost, Single and Multichannel Isolation Amplifier
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com