Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3772 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N3772
Description  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N3772 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N3772 Datasheet HTML 1Page - Savantic, Inc. 2N3772 Datasheet HTML 2Page - Savantic, Inc. 2N3772 Datasheet HTML 3Page - Savantic, Inc. 2N3772 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N3771 2N3772
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N3771
40
VCEO(SUS)
Collector-emitter
sustaining voltage
2N3772
IC=0.2A ;IB=0
60
V
2N3771
IC=15A ;IB=1.5A
2.0
VCEsat-1
Collector-emitter
saturation voltge
2N3772
IC=10A ;IB=1.0A
1.4
V
2N3771
IC=30A; IB=6A
VCEsat-2
Collector-emitter
saturation voltage
2N3772
IC=20A; IB=4A
4.0
V
2N3771
IC=15A ; VCE=4V
2.7
VBE
Base-emitter on voltage
2N3772
IC=10A ; VCE=4V
2.2
V
2N3771
VCE=30V; IB=0
ICEO
Collector cut-off current
2N3772
VCE=50V; IB=0
10
mA
2N3771
VCE=50V; VBE(off)=1.5V
VCE=30V TC=150
2.0
10.0
ICEV
Collector cut-off current
2N3772
VCE=100V; VBE(off)=1.5V
VCE=45V TC=150
5.0
10.0
mA
2N3771
VCB=50V; IE=0
2.0
ICBO
Emitter cut-off current
2N3772
VCB=100V; IE=0
5.0
mA
2N3771
VEB=5V; IC=0
IEBO
Emitter cut-off current
2N3772
VEB=7V; IC=0
5.0
mA
2N3771
IC=15A ; VCE=4V
hFE-1
DC current gain
2N3772
IC=10A ; VCE=4V
15
60
2N3771
IC=30A ; VCE=4V
hFE-2
DC current gain
2N3772
IC=20A ; VCE=4V
5
fT
Transition frequency
IC=1.0A ; VCE=4V;f=50kHz
0.2
MHz
2N3771
VCE=40Vdc,t=1.0s,
Nonrepetitive
3.75
Is/b
Second breakdown energy
with base forward biased
2N3772
VCE=60Vdc,t=1.0s,
Nonrepetitive
2.5
A


Similar Part No. - 2N3772

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
Savantic, Inc.
2N3772 SAVANTIC-2N3772 Datasheet
132Kb / 4P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N3772 ONSEMI-2N3772 Datasheet
204Kb / 6P
   POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
Dc Components
2N3772 DCCOM-2N3772 Datasheet
233Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
More results

Similar Description - 2N3772

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com