Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO422 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO422
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO422 Datasheet(HTML) 8 Page - Burr-Brown (TI)

  ISO422 Datasheet HTML 1Page - Burr-Brown (TI) ISO422 Datasheet HTML 2Page - Burr-Brown (TI) ISO422 Datasheet HTML 3Page - Burr-Brown (TI) ISO422 Datasheet HTML 4Page - Burr-Brown (TI) ISO422 Datasheet HTML 5Page - Burr-Brown (TI) ISO422 Datasheet HTML 6Page - Burr-Brown (TI) ISO422 Datasheet HTML 7Page - Burr-Brown (TI) ISO422 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
®
ISO422
FIGURE 7. Suggested Bus Termination Methods.
FIGURE 8. Isolated RS232 to RS422. Null Modem Configuration.
1.2k
R
120
Half Duplex
Full Duplex
1.2k
Half-duplex and Full-duplex resistor
values are the same. Half-duplex line
should be terminated at both ends.
+5V Isolated
+5V
+5V
ISO422
1.2k
(1)
1.2k
(1)
R
120
9
10
8
MAX202
7
TD
RD
SG
DTR
DSR
CD
RTS
CTS
2
3
D25
7
20
6
8
4
5
3
2
D9
5
4
6
1
7
8
+5V Isolated
ISO422
1.2k
(1)
1.2k
(1)
R
120
10
9
GND
B
GND Isolation
GND Isolation
GND
A
7
MAX202
8
RD
TD
SG
DTR
DSR
CD
RTS
CTS
NOTE: (1) If using screened cable or ground
wire, connected as shown, shaded resistors
may be omitted. If using only twisted pairs,
shaded resistors are recommended.


Similar Part No. - ISO422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
ISO485 BURR-BROWN-ISO485 Datasheet
177Kb / 11P
   Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
ISO485P BURR-BROWN-ISO485P Datasheet
177Kb / 11P
   Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - ISO422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com