Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO121G Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ISO121G
Description  Precision Low Cost ISOLATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO121G Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ISO121G Datasheet HTML 1Page - Burr-Brown (TI) ISO121G Datasheet HTML 2Page - Burr-Brown (TI) ISO121G Datasheet HTML 3Page - Burr-Brown (TI) ISO121G Datasheet HTML 4Page - Burr-Brown (TI) ISO121G Datasheet HTML 5Page - Burr-Brown (TI) ISO121G Datasheet HTML 6Page - Burr-Brown (TI) ISO121G Datasheet HTML 7Page - Burr-Brown (TI) ISO121G Datasheet HTML 8Page - Burr-Brown (TI) ISO121G Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ISO120/121
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C; VS1 = VS2 = ±15V; and RL = 2kΩ, unless otherwise noted.
1
Frequency (Hz)
40
160
140
120
100
80
60
100
10k
1M
10
1k
100k
IMR vs FREQUENCY
1k
Frequency (Hz)
0
10nF
1000pF
SYNCHRONIZATION RANGE at 25°C
±4Vp SINE WAVE INPUT TO EXT OSC
10k
100k
1M
C
2 ≥ C1
Typical
Free Run
Frequency
0
f
IN (Hz)
0
–20
–40
SIGNAL RESPONSE vs CARRIER FREQUENCY
f
C
2f
C
3f
C
00
0
0
f
c/2
f
C/2
f
C /2
f
OUT (Hz)
–20dB/dec (for comparison only)
0.1f
–3dB
Normalized Frequency
0
12
10
8
6
4
2
NOISE vs SMALL SIGNAL BANDWIDTH
0.2f
–3dB
0.5f
–3dB
f
–3dB
C
2 = 2C1
C
2 = C1*
*C
1 ≤ 5000pF
FPO
BLEED
TO EDGE
OF BOX
SINE RESPONSE
(f = 2kHz, C
2 = 0)
Time (µs)
500
0
1000
+10
0
–10
SINE RESPONSE
(f = 20kHz, C
2 = 0)
Time (µs)
50
0
100
+10
0
–10


Similar Part No. - ISO121G

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO121G BURR-BROWN-ISO121G Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO121G

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com