Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO485 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO485
Description  Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO485 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ISO485 Datasheet HTML 3Page - Burr-Brown (TI) ISO485 Datasheet HTML 4Page - Burr-Brown (TI) ISO485 Datasheet HTML 5Page - Burr-Brown (TI) ISO485 Datasheet HTML 6Page - Burr-Brown (TI) ISO485 Datasheet HTML 7Page - Burr-Brown (TI) ISO485 Datasheet HTML 8Page - Burr-Brown (TI) ISO485 Datasheet HTML 9Page - Burr-Brown (TI) ISO485 Datasheet HTML 10Page - Burr-Brown (TI) ISO485 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
ISO485
1 we can see that the specified attenuation figures given
agree with those obtained by measurement; approximately
–1.3db/100ft, at 30Mbit/s (15MHz).
pattern is clear. In practice a precision decade resistance box
was used to determine the exact value of ZT to use.
As the data rate is increased we can see from Figure 3 how
the signal distortion also increases. From the graph in Figure
TYPICAL ELECTRICAL CHARACTERISTICS
Capacitance
ALPHA WIRE CORP.
CDR. to CDR.
CDR. to (CDR. AND SHIELD)
VP.
Z0 at 1MHz,
NO.
pF/ft
(pF/m)
pF/ft
pF/m)
%
6072C
8.7
(28, 5)
5.9
(52, 2)
80
150
6073C thru 6079/27C
12.5
(41, 0)
22.0
(72, 5)
80
150
TYPICAL ATTENUATION VALUES
AT 20°C
10.0
5.0
1.0
0.5
1.0
5.0
10.0
50.0
Frequency (MHz)
6073 - 6079/27
6072
FIGURE 1. Cable Characteristics.
PARAMETER
EIA-232
RS-432-A
RS-422-A
RS-485
Mode of Operation
Single-Ended
Single-Ended
Differential
Differential
Number of Drivers and Receivers
1 Driver
1 Driver
1 Driver
32 Drivers
1 Receiver
10 Receivers
10 Receivers
32 Receivers
Maximum Cable Length (m)
15
1200
1200
1200
Maximum Data Rate (bps)
20k
100k
10M
10M
Maximum Common-Mode Voltage (V)
±25
±6
6 to –0.25
12 to –7
Driver Output
Loaded
±5
±3.6
±2
±1.5
Levels (V)
Unloaded
±15
±6
±5
±5
Driver Load (
Ω)
3k to 7k
450 (min)
100 (min)
60 (min)
Driver Slew Rate
30V/
µs (max)
External Control
NA
NA
Driver Output Short Circuit
500 to VCC
150 to GND
150 to GND
150 to GND
Current Limit (mA)
250 to –7 or 12V
Driver Output
NA
NA
NA
12k
Resistance
Power on
High Z state (
Ω)
Power off
300
60k
60k
12k
Receiver Input Resistance (
Ω)
3 to 7
4
4
12
Receiver Sensitivity
±3V
±200mV
±200mV
±200mV
TABLE I. Summary of EIA Interface Standards.


Similar Part No. - ISO485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
ISO422P BURR-BROWN-ISO422P Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
ISO422P-U BURR-BROWN-ISO422P-U Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - ISO485

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
National Semiconductor ...
LMS1485 NSC-LMS1485 Datasheet
224Kb / 10P
   5V Low Power RS-485 Differential Bus Transceiver
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Sipex Corporation
SP495 SIPEX-SP495 Datasheet
60Kb / 6P
   Quad Differential RS-485 Transceiver
SP495 SIPEX-SP495 Datasheet
60Kb / 6P
   Quad Differential RS-485 Transceiver
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com