Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD34SM-1 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FD34SM-1
Description  High Isolation, In-line Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FD34SM-1 Datasheet(HTML) 1 Page - API Technologies Corp

  FD34SM-1 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Doubler
High Isolation, In-line Output
Output (MHz)
10-4000
4000-5600
10-1000
1000-4000
4000-5600
10-5600
10-1000
1000-4000
4000-5600
10-5600
Input (MHz)
5-2000
2000-2800
5-500
500-2000
2000-2800
5-2800
5-500
500-2000
2000-2800
5-2800
Min
25 dB
30 dB
25 dB
20 dBc
Typical
11.5 dB
12.3 dB
35 dB
40 dB
35 dB
33 dBc
1.5:1
1.7:1
1.5:1
+11 dBm
Max
13.0 dB
14.0 dB
Electrical Specifications
(1)
:
Parameter
Insertion Loss:(2)
Fundamental Isolation:(3)
Third Harmonic
Suppression:(4)
Input VSWR:
Input Power:
Model FD34SM-1
Input 5 to 2800 MHz
Output 10 to 5600 MHz
Notes:
1. Specifications are guaranteed when tested as a doubler in a 50 Ohm system at +25˚C with nominal input
power. Specifications indicated as typical are not guaranteed.
2. Insertion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
3. Fundamental isolation is referenced to the fundamental input.
4. Third Harmonic Suppression is referenced to the second harmonic output.
FD34SM-1
All dimensions are in inches and [mm].
Outline: SMD1
Typical
Performance
at 25˚C
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Conditions
Specifications
6
REV A
8/6/10


Similar Part No. - FD34SM-1

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
FD34SM-1 SPECTRUM-FD34SM-1 Datasheet
939Kb / 1P
   Frequency Doubler
More results

Similar Description - FD34SM-1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FD9XSMX-1 APITECH-FD9XSMX-1 Datasheet
1,008Kb / 1P
   High Isolation, In-line Output
FD34H-1 APITECH-FD34H-1 Datasheet
935Kb / 1P
   High Isolation, In-line Output
FD9XMS-1 APITECH-FD9XMS-1 Datasheet
941Kb / 1P
   High Isolation, In-line Output
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
   High Input-to-Output Isolation
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
   High input-output isolation voltage
logo
Solid State Optronic
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
logo
Shindengen Electric Mfg...
S15WB60 SHINDENGEN-S15WB60_17 Datasheet
431Kb / 4P
   Square In-line Package (Input/Output In-line Package)
S10WB60 SHINDENGEN-S10WB60_17 Datasheet
432Kb / 4P
   Square In-line Package (Input/Output In-line Package)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com