Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR8506 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR8506
Description  1.5MHz 600mA Synchronous
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8506 Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR8506 Datasheet HTML 2Page - Leshan Radio Company LR8506 Datasheet HTML 3Page - Leshan Radio Company LR8506 Datasheet HTML 4Page - Leshan Radio Company LR8506 Datasheet HTML 5Page - Leshan Radio Company LR8506 Datasheet HTML 6Page - Leshan Radio Company LR8506 Datasheet HTML 7Page - Leshan Radio Company LR8506 Datasheet HTML 8Page - Leshan Radio Company LR8506 Datasheet HTML 9Page - Leshan Radio Company LR8506 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MAIN CONTROL LOOP
The LR8506 uses a constant frequency,
current mode step-down architecture. Both the
main (P-channel MOSFET) and synchronous
(N-channel MOSFET) switches are internal.
During normal operation, the internal top
power MOSFET is turned on each cycle when
the oscillator sets the RS latch, and turned off
when the current comparator, ICOMP, resets the
RS latch. The peak inductor current at which
ICOMP resets the RS latch, is controlled by the
output of error amplifier EA. When the load
current increases, it causes a slight decrease
in the feedback voltage, FB, relative to the
0.6V reference, which in turn, causes the EA
amplifier’s output voltage to increase until the
average inductor current matches the new load
current. While the top MOSFET is off, the
bottom MOSFET is turned on until either the
inductor current starts to reverse, as indicated
by the current reversal comparator IRCMP, or
the beginning of the next clock cycle. The
OVDET comparator controls output transient
overshoots by turning the main switch off and
keeping it off until the fault is removed.
PULSE SKIPPING MODE
At light loads, the inductor current may
reach zero reverse on each pulse. The
bottom MOSFET is turned off by the current
reversal comparator, IRCMP, and the switch
voltage will ring. This is discontinuous mode
operation, and is normal behavior for the
switching regulator. At very light loads, the
LR8506 will automatically skip pulses in
pulse skipping mode operation to maintain
output regulation.
SLOPE COMPENSATION
Slope compensation provides stability in
constant
frequency
architecture
by
preventing subharmonic oscillations at high
duty cycles. It is accomplished internally by
adding a compensating ramp to the inductor
current signal at duty cycles in excess of
50%. This slope compensated current mode
PWM control provides stable switching and
cycle-by-cycle current limit for excellent load
and line response.
DROPOUT OPERATION
As the input supply voltage decreases
to a value approaching the output voltage,
the duty cycle increases toward the
maximum on-time. Further reduction of the
supply voltage forces the main switch to
remain on for more than one cycle until
reaches 100% duty cycle. The output
voltage will then be determined by the input
voltage minus the voltage drop across the
P-channel MOSFET and the inductor.
An important detail to remember is that
at low inputs supply voltages, the RDS(ON) of
the P-channel switch increases. Therefore,
the user should calculate the power
dissipation when the
LR8506 is used at
100% duty cycle with low input voltage.
MAXIMUM LOAD CURRENT
The LR8506 will operate with input
voltage as low as 2.5V, however, the
maximum load current decreases at lower
input due to large IR drop on the main switch
and
synchronous
rectifier.
The
slope
compensation signal reduces the peak
inductor current as a function of the duty
cycle to prevent sub-harmonic oscillations at
duty cycles greater than 50%.Conversely the
current limit increase as the duty cycle
decreases.
OPERATION
LESHAN RADIO COMPANY, LTD.
7/10


Similar Part No. - LR8506

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
   1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
LR8503 LRC-LR8503 Datasheet
586Kb / 7P
   800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
LR8503 LRC-LR8503 Datasheet
326Kb / 12P
   Devices per Reel
LR8503 LRC-LR8503_15 Datasheet
326Kb / 12P
   Devices per Reel
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
   1.5MHz 600mA Synchronous Step-Down Converter
More results

Similar Description - LR8506

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com