Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFD7409-1 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FDFD7409-1
Description  Electronic Counter Measurers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FDFD7409-1 Datasheet(HTML) 1 Page - API Technologies Corp

  FDFD7409-1 Datasheet HTML 1Page - API Technologies Corp FDFD7409-1 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• High Accuracy
• High Resolution
• Low Power
• Short RF Pulse Capture
• Pipeline Processor
• High Data Rate
• Small Package Size
• Light Weight
• Erroneous Data Detection
(Optional)
Instantaneous Frequency Measurement
apitech.com • 888.553.7531 • spectrummicrowave.com
FDFD7409-1
Rev 4.10.12
APPLICATIONS
• Electronic Counter Measurers
• Signal Intelligence
• Radar Warning Receivers
• Capture of Single RF Pulse Events
• Identification of Frequency Agile Radar
16,000
14,000
12,000
10,000
8,000
6,000
4,000
2,000
0
Clean Signal
25 Deg. C, -10 dBm
Frequency (MHz)
2,000
4,000
6,000
8,000
10,000
12,000
14,000
16,000
18,000
15
10
5
0
-5
-10
-15
Frequency Accuracy
VR = 100%, RMS = 1.14 MHz
Frequency (MHz)
2,000
4,000
6,000
8,000
10,000
12,000
14,000
16,000
18,000


Similar Part No. - FDFD7409-1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FDFD7409-2 APITECH-FDFD7409-2 Datasheet
671Kb / 2P
   Electronic Counter Measurers
FDFD7409-6 APITECH-FDFD7409-6 Datasheet
716Kb / 3P
   Electronic Counter Measurers
More results

Similar Description - FDFD7409-1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FDFD7409-6 APITECH-FDFD7409-6 Datasheet
716Kb / 3P
   Electronic Counter Measurers
FDFD7409-2 APITECH-FDFD7409-2 Datasheet
671Kb / 2P
   Electronic Counter Measurers
logo
Panasonic Semiconductor
LC4H PANASONIC-LC4H Datasheet
236Kb / 8P
   DIN 48 SIZE LCD ELECTRONIC COUNTER
logo
Summit Microelectronics...
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
Red Lion Controls. Inc
CUB5 REDLION-CUB5 Datasheet
1Mb / 16P
   MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
   Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
   Counter
KCM-70-V PF-KCM-70-V Datasheet
243Kb / 2P
   Counter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com