Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR431BPTLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR431BPTLT1G
Description  LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431BPTLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LR431BPTLT1G Datasheet HTML 1Page - Leshan Radio Company LR431BPTLT1G Datasheet HTML 2Page - Leshan Radio Company LR431BPTLT1G Datasheet HTML 3Page - Leshan Radio Company LR431BPTLT1G Datasheet HTML 4Page - Leshan Radio Company LR431BPTLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR431 LINEAR INTEGRATED CIRCUIT
LRC
LESHAN RADIO COMPANY,LTD.
A
LUTE
A I U
RATING
ARA ETER
L
ALUE
UNIT
C
A
3
C
C
R
C
I A
1
1
A
R
I
C
R
I
1
A
T
T
1
°C
A
T
T
+7 0
°C
T
T
T
1
°C
REC
ENDED
ERATING C NDITI N
ARA ETER
L
IN
T
A
UNIT
C
A
RE
3
C
C
I A
1
1
A
ELECTRICAL C ARACTERI TIC
T
°C
ARA ETER
LTE T C NDITI N
IN
T
A
UNIT
R
I
A
RE
I A 1
A
0
D
I
1
∆T
A
RE
I A 1
A
T IN
TA T A
4
1
R
C
R
I
C
C
A I A 1
A
A 1
RE
A 3
1
1
R
I
C
I
I A 1
A R1 1
Ω R ∞
1
4
µA
D
R
I
C
T
R
∆I
∆TI A 1
A R1 1
Ω R ∞
TA
T
4
1
µA
C
C
R
I A
A
RE
4
1
A
C
C
I A
A
3
RE
1
µA
D
I
A
A
RE
I A 1
1
A
≤1
1
0.5%
Type
RanK
Range(V)
1%
Marking
Packa
CLASSIFICATION OF Vref AND PACKAGE
0.5%
1%
2.487~2.512
T
/ 4
-
2.495
*
0~+70
°C
2.475~2.525
2.482~2.507
2.470~2.520
RA
RB
RA1
RB 1
SOT-23
SOT-23
SOT-23
SOT-23
0~+70
°C
0~+70
°C
0~+70
°C
0.5%
1%
0.5%
1%
RA2
RB2
RA3
RB3
SOT-23
SOT-23
SOT-23
SOT-23
-40~+125
°C
*
2.487~2.512
2.475~2.525
2.482~2.507
2.470~2.520
LR431ALT1G
LR431BPTLT1G
LR431APTLT1G
LR431BTLT1G
LR431ATLT1G
LR431BPLT1G
LR431APLT1G
LR431BLT1G
1
-40~+125
°C
-40~+125
°C
-40~+125
°C
Rev.O
2/5


Similar Part No. - LR431BPTLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
   LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
   LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
   LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
   LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - LR431BPTLT1G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com