Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24T Datasheet(PDF) 1 Page - API Technologies Corp

Part # M24T
Description  Triple Balanced Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

M24T Datasheet(HTML) 1 Page - API Technologies Corp

  M24T Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Triple Balanced Mixer
RF Band
Model M24T
RF 1.0 to 3400 MHz
Parameter
SSB Conversion loss:(2)(3)
Isolation
LO to RF:
LO to IF:
RF to IF:
Input 1-dB
Compression Point:
Input Third Order
Intercept Point:
LO Power: (4)
RF (MHz)
1.0-1500
1.0-3400
1.0-1500
1.0-3400
1.0-1500
1.0-3400
1.0-3400
1.0-3400
1.0-3400
1.0-3400
LO (MHz)
1.0-1500
1.0-3400
1.0-1500
1.0-3400
1.0-1500
1.0-3400
1.0-3400
1.0-3400
1.0-3400
1.0-3400
IF (MHz)
1.0-1000
1.0-2000
1.0-2000
1.0-2000
1.0-2000
Min
30 dB
25 dB
30 dB
25 dB
Typical
7.5 dB
8.5 dB
38 dB
35 dB
35 dB
32 dB
30 dB
+1 dBm
+14 dBm
+10 dBm
Max
9.5 dB
10.5 dB
Conditions
Specifications
Electrical Specifications (1):
Typical
Performance
at 25˚C
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with the
nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is nominally within ±0.5 dB of the SSB conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than ±0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
All dimensions are in inches and [mm].
M24T
Outline: A
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
REV A
6/18/09


Similar Part No. - M24T

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
M24T SPECTRUM-M24T Datasheet
989Kb / 1P
   Triple Balanced Mixer
logo
API Technologies Corp
M24TC APITECH-M24TC Datasheet
991Kb / 1P
   Triple Balanced Mixer
More results

Similar Description - M24T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MY93 MACOM-MY93 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MZ9313 MACOM-MZ9313 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
M51M51C MACOM-M51M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
   Triple-Balanced Mixer
MY52 MA-COM-MY52_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MY52C MA-COM-MY52C_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C_15 Datasheet
152Kb / 3P
   Triple-Balanced Mixer
M52C MA-COM-M52C_15 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
MY82C MA-COM-MY82C_15 Datasheet
83Kb / 2P
   Triple-Balanced Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com