Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1E2G Datasheet(PDF) 7 Page - Leshan Radio Company

Part # 1E2G
Description  Glass Passivated Junction Super Fast Recitifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1E2G Datasheet(HTML) 7 Page - Leshan Radio Company

  1E2G Datasheet HTML 1Page - Leshan Radio Company 1E2G Datasheet HTML 2Page - Leshan Radio Company 1E2G Datasheet HTML 3Page - Leshan Radio Company 1E2G Datasheet HTML 4Page - Leshan Radio Company 1E2G Datasheet HTML 5Page - Leshan Radio Company 1E2G Datasheet HTML 6Page - Leshan Radio Company 1E2G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4、版式次更新记录
版次
1
2
更新记录
更新作者
更新日期
第一版
周杰
1E1G thru 1E5G
增加包装规范
周杰
2012.02.18
2010.06.02


Similar Part No. - 1E2G

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
1E2G DSK-1E2G Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIERS
logo
DIYI Electronic Technol...
1E2G DYELEC-1E2G Datasheet
759Kb / 2P
   1.0 AMP. G l a s s Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
1E2G BILIN-1E2G Datasheet
297Kb / 2P
   ULTRA FAST RECTIFIERS
logo
SMC Diode Solutions Co....
1E2G SMCDIODE-1E2G Datasheet
324Kb / 4P
   1.0 AMP. Glass Super Fast Rectifiers
Rev. A
More results

Similar Description - 1E2G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21G LRC-SF21G Datasheet
261Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFM101 LRC-EFM101_14 Datasheet
196Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF101 LRC-EFMAF101 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF108 LRC-EFMAF108 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODSF11-SH LRC-SODSF11-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODSF18-SH LRC-SODSF18-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com