Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC104AP Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC104AP
Description  Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC104AP Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button MPC104AP Datasheet HTML 4Page - Burr-Brown (TI) MPC104AP Datasheet HTML 5Page - Burr-Brown (TI) MPC104AP Datasheet HTML 6Page - Burr-Brown (TI) MPC104AP Datasheet HTML 7Page - Burr-Brown (TI) MPC104AP Datasheet HTML 8Page - Burr-Brown (TI) MPC104AP Datasheet HTML 9Page - Burr-Brown (TI) MPC104AP Datasheet HTML 10Page - Burr-Brown (TI) MPC104AP Datasheet HTML 11Page - Burr-Brown (TI) MPC104AP Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
®
MPC104
8
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
0.8 0.9 1.0
0
0.1 0.2
0V
–0.7V
+0.7V
0
0.7
0.3
0.4 0.5 0.6
ON/OFF CHARACTERISTIC
Time (µs)
SEL
V
OUT
+5V
GAIN FLATNESS
2
1
0
–1
–2
Frequency (Hz)
1M
10M
100M
1G
V
OUT = 1.4Vp-p
V
OUT = 0.2Vp-p
20
10
0
–10
–20
–30
–40
BANDWIDTH vs OUTPUT VOLTAGE
Frequency (Hz)
1M
10M
100M
1G
5Vp-p
1.4Vp-p
0.2Vp-p
2.8Vp-p
BANDWIDTH vs R
LOAD
Frequency (Hz)
10M
100M
1G
1M
20
0
–10
–20
–30
–40
V
OUT = 1.4Vp-p, COUT = 22pF
R
L = 10kΩ
R
L = 500Ω
10
0
–10
–20
–30
BANDWIDTH MATCHING
C
OUT = 22pF, VOUT = 2.8Vp-p
Frequency (Hz)
1M
10M
100M
1G
Ch1, Ch2
30M
60M
90M
30MHz HARMONIC DISTORITION
Frequency (Hz)
V
OUT = 1.4Vp-p, RL = 10kΩ, COUT = 1pF
0
–20
–40
–60
–80
DUT
100
180
47
Advantest
R3361A
50
BUF601AU
HP8116A
VIN = 1.4Vp-p
G
10k
DB1
V
IN
SEL
1
SEL
2
DB2
V
OUT
100
100
8
6
4
5
1


Similar Part No. - MPC104AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC104AP TI1-MPC104AP Datasheet
178Kb / 16P
[Old version datasheet]   Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
More results

Similar Description - MPC104AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
MPC102 BURR-BROWN-MPC102 Datasheet
283Kb / 12P
   Wide-Bandwidth DIFFERENTIAL 2 x 1 MULTIPLEXER
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
logo
Texas Instruments
MPC104 TI1-MPC104 Datasheet
178Kb / 16P
[Old version datasheet]   Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com