Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4739AM Datasheet(PDF) 3 Page - Leshan Radio Company

Part # 1N4739AM
Description  1W 1N47**AM Series Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4739AM Datasheet(HTML) 3 Page - Leshan Radio Company

  1N4739AM Datasheet HTML 1Page - Leshan Radio Company 1N4739AM Datasheet HTML 2Page - Leshan Radio Company 1N4739AM Datasheet HTML 3Page - Leshan Radio Company 1N4739AM Datasheet HTML 4Page - Leshan Radio Company 1N4739AM Datasheet HTML 5Page - Leshan Radio Company 1N4739AM Datasheet HTML 6Page - Leshan Radio Company 1N4739AM Datasheet HTML 7Page - Leshan Radio Company 1N4739AM Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2.Characteristic Curves
Vz--Iz
P--Ta
1000
750
500
250
0
0
ZENER VOLTAGE
Vz(V)
AMBIENT TEMPERATURE Ta(℃)
1W 1N47**AM Series Zener Diodes
300
350
5
10
15
20
25
30
35
100
150
200
250
50
50
40
30
20
10
3


Similar Part No. - 1N4739AM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4739AM LRC-1N4739AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
More results

Similar Description - 1N4739AM

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com