Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X48 Datasheet(PDF) 1 Page - API Technologies Corp

Part # X48
Description  Frequency Multipliers X2, X4, X8 & X48 Multiplication
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

X48 Datasheet(HTML) 1 Page - API Technologies Corp

  X48 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Multipliers
X2, X4, X8 & X48 Multiplication
SPECTRUM MICROWAVE
CERTIFIED
www.specwave.com
SPECTRUM MICROWAVE • 2707 Black Lake Place • Philadelphia, PA 19154 • Phone: (215) 464-4000 • Fax: (215) 464-4001
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
This Microwave Integrated Assembly provides x2, x4,
x8 and x48 frequency outputs from a single input frequency.
The multiplier is designed for airbore applications and has
field replacable RF connectors. The entire assembly is
designed to be slid into a channel for systems installation
without the need to solder wires or screw on connectors.
This design incorporates single stage active doublers,
amplifiers, SRD multipliers, power splitters, bandpass
filtering, voltage conditioning and BIT circuits and
provides excellent phase noise performance.
Typical Performance Characteristics
Power input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 dBm
Power output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 dBm
Input Frequency . . . . . . . . . . . . . . . . . . . . . 105 – 225 MHz
Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2%
Output Frequency . . .X2, X4, X8, X48 of the input frequency
Harmonics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤-60 dBc
Sub-Harmonics . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤-60 dBc
Power . . . . . . . . . . . . . . . . . . . . . . . . . . 28 VDC,
≤ 275 mA
. . . . . . . . . . . . . . . . . . . . . . .-15 VDC @
≤75 mA
Package Size . . . . . . . . . . . . . . . . . . . . . . . . . 7" x 10" x 0.9"
Doubler Amp
Doubler Amp
Doubler Amp
X8 Multiplier


Similar Part No. - X48

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
X48 SPECTRUM-X48 Datasheet
190Kb / 1P
   Frequency Multipliers
More results

Similar Description - X48

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
X4 APITECH-X4 Datasheet
183Kb / 1P
   Frequency Multipliers X4, X8 Multiplication
X15 APITECH-X15 Datasheet
237Kb / 1P
   Frequency Multipliers X15 Multiplication
BXMF1016 APITECH-BXMF1016 Datasheet
154Kb / 1P
   Frequency Multiplier (x2 to x48)
BXMF1014 APITECH-BXMF1014 Datasheet
159Kb / 1P
   Frequency Multiplier (x2 to x48)
BXMF1018 APITECH-BXMF1018 Datasheet
154Kb / 1P
   Frequency Multiplier (x2 to x48)
BXMF1017 APITECH-BXMF1017 Datasheet
154Kb / 1P
   Frequency Multiplier (x2 to x48)
BXMF1015 APITECH-BXMF1015 Datasheet
154Kb / 1P
   Frequency Multiplier (x2 to x48)
BXMF1003 APITECH-BXMF1003 Datasheet
151Kb / 1P
   Frequency Multiplier (x4, x8)
BXMF1001 APITECH-BXMF1001 Datasheet
66Kb / 1P
   Frequency Multiplier (x4, x8)
BXMF1009 APITECH-BXMF1009 Datasheet
150Kb / 1P
   Frequency Multiplier (x4, x8)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com