Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP30F Datasheet(PDF) 7 Page - Leshan Radio Company

Part # EGP30F
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

EGP30F Datasheet(HTML) 7 Page - Leshan Radio Company

  EGP30F Datasheet HTML 1Page - Leshan Radio Company EGP30F Datasheet HTML 2Page - Leshan Radio Company EGP30F Datasheet HTML 3Page - Leshan Radio Company EGP30F Datasheet HTML 4Page - Leshan Radio Company EGP30F Datasheet HTML 5Page - Leshan Radio Company EGP30F Datasheet HTML 6Page - Leshan Radio Company EGP30F Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4. Update Record
版次
1
2
第一版
周杰
2010-6-22
增加包装规范
周杰
2011-7-18
EGP30A thru EGP30M
更新记录
更新作者
更新日期


Similar Part No. - EGP30F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30F ZOWIE-EGP30F Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Rugao Dachang Electroni...
EGP30F DACHANG-EGP30F Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 3.0A
logo
General Semiconductor
EGP30F GE-EGP30F Datasheet
71Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
EGP30F LUGUANG-EGP30F Datasheet
202Kb / 2P
   High Efficiency Rectifiers
logo
Micro Commercial Compon...
EGP30F MCC-EGP30F Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
More results

Similar Description - EGP30F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Sangdest Microelectroni...
DSS34 SMC-DSS34 Datasheet
305Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com