Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPY634KU Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MPY634KU
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPY634KU Datasheet(HTML) 2 Page - Burr-Brown (TI)

  MPY634KU Datasheet HTML 1Page - Burr-Brown (TI) MPY634KU Datasheet HTML 2Page - Burr-Brown (TI) MPY634KU Datasheet HTML 3Page - Burr-Brown (TI) MPY634KU Datasheet HTML 4Page - Burr-Brown (TI) MPY634KU Datasheet HTML 5Page - Burr-Brown (TI) MPY634KU Datasheet HTML 6Page - Burr-Brown (TI) MPY634KU Datasheet HTML 7Page - Burr-Brown (TI) MPY634KU Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
®
MPY634
2
SPECIFICATIONS
ELECTRICAL
At T
A = +25°C and VS = ±15VDC, unless otherwise noted.
MPY634KP/KU
MPY634AM
MPY634BM
MPY634SM
(Z
2 – Z1)
(X
1 – X2)
10V
+ Y
1
(X
1 – X2) (Y1 – Y2)
10V
+ Z
2
(X
1 – X2)
2
+ Z
2
10V
MODEL
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
MULTIPLIER
PERFORMANCE
Transfer Function
*
*
*
Total Error(1)
(–10V
≤ X, Y ≤ +10V)
±2.0
±1.0
±0.5
*
%
TA = min to max
±2.5
±1.5
±1.0
±2.0
%
Total Error vs Temperature
±0.03
±0.022
±0.015
±0.02
%/
°C
Scale Factor Error
(SF = 10.000V Nominal)(2)
±0.25
±0.1
*
*
%
Temperature Coefficient of
Scaling Voltage
±0.02
±0.01
±0.01
*
%/
°C
Supply Rejection (
±15V ±1V)
*
±0.01
*
*
%
Nonlinearity
X (X = 20Vp-p, Y = 10V)
*
±0.4
0.2
±0.3
*
%
Y (Y = 20Vp-p, X = 10V)
*
±0.01
*
±0.1
*
%
Feedthrough(3)
X (Y Nulled, X = 20Vp-p, 50Hz)
*
±0.3
±0.15
±0.3
*
%
Y (X Nulled, Y = 20Vp-p, 50Hz)
*
±0.01
*
±0.1
*
%
Both Inputs (500kHz, 1Vrms)
Unnulled
40(4)
50
45
55
*
60
*
*
dB
Nulled
55(4)
60
55
65
60
70
*
*
dB
Output Offset Voltage
±50
±100
±5
±30
*
±15
*
*
mV
Output Offset Voltage Drift
*
±200
±100
*
±500
µV/°C
DYNAMICS
Small Signal BW,
(VOUT = 0.1Vrms)
6(4)
*
8
10
*
*
6
*
MHz
1% Amplitude Error
(CLOAD = 1000pF)
*
100
*
*
kHz
Slew Rate (VOUT = 20Vp-p)
*
20
*
*
V/
µs
Settling Time
(to 1%,
∆V
OUT = 20V)
*
2
*
*
µs
NOISE
Noise Spectral Density:
SF = 10V
*
0.8
*
*
µV/√Hz
Wideband Noise:
f = 10Hz to 5MHz
*
1
*
*
mVrms
f = 10Hz to 10kHz
*
90
*
*
µVrms
OUTPUT
Output Voltage Swing
*
±11
*
*
V
Output Impedance (f
≤ 1kHz)
*
0.1
*
*
Output Short Circuit Current
(RL = 0, TA = min to max)
*
30
*
*
mA
Amplifier Open Loop Gain
(f = 50Hz)
*
85
*
*
dB
INPUT AMPLIFIERS (X, Y and Z)
Input Voltage Range
Differential VIN (VCM = 0)
*
±12
*
*
V
Common-Mode VIN (VDIFF = 0)
*
±10
*
*
V
(see Typical Performance Curves)
Offset Voltage X, Y
±25
±100
±5
±20
±2
±10
*
*
mV
Offset Voltage Drift X, Y
200
100
50
*
µV/°C
Offset Voltage Z
±25
±100
±5
±30
±2
±15
*
*
mV
Offset Voltage Drift Z
*
200
100
500
µV/°C
CMRR
*
*
60
80
70
90
*
*
dB
Bias Current
*
*
0.8
2.0
*
*
*
*
µA
Offset Current
*
0.1
*
*
2.0
µA
Differential Resistance
*
10
*
*
M
DIVIDER PERFORMANCE
Transfer Function (X1 > X2)*
*
*
Total Error(1) untrimmed
(X = 10V, –10V
≤ Z ≤ +10V)
1.5
±0.75
±0.35
±0.75
%
(X = 1V, –1V
≤ Z ≤ +1V)
4.0
±2.0
±1.0
*
%
(0.1V
≤ X ≤ 10V, –10V ≤ Z ≤ 10V)
5.0
±2.5
±1.0
*
%
SQUARE PERFORMANCE
Transfer Function
*
*
*
Total Error (–10V
≤ X ≤ 10V)
±1.2
±0.6
±0.3
*
%


Similar Part No. - MPY634KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPY634KU TI1-MPY634KU Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
MPY634KU/1K TI1-MPY634KU/1K Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
MPY634KU/1KE4 TI1-MPY634KU/1KE4 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
MPY634KUE4 TI1-MPY634KUE4 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results

Similar Description - MPY634KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
   Precision Wide Bandwidth Analog Switches
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
   Precision Wide Bandwidth Analog Switches
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
logo
Burr-Brown (TI)
MPY600 BURR-BROWN-MPY600 Datasheet
158Kb / 12P
   Wide Bandwidth SIGNAL MULTIPLIER
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
   Precision ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com