Electronic Components Datasheet Search |
|
SRC1206EF Datasheet(PDF) 1 Page - KODENSHI_AUK CORP. |
|
SRC1206EF Datasheet(HTML) 1 Page - KODENSHI_AUK CORP. |
1 / 4 page KSD-R5E012-001 1 SRC1206EF NPN Silicon Transistor PIN Connection Descriptions • Switching application • Interface circuit and driver circuit application Features • With built-in bias resistors • Simplify circuit design • Reduce a quantity of parts and manufacturing process • High packing density Ordering Information Type NO. Marking Package Code SRC1206EF R6 □ ① ② SOT-523F ① Device Code ②Year&Week Code Absolute Maximum Ratings (Ta=25 °C) Characteristic Symbol Rating Unit Output voltage VO 50 V Input voltage VI 20,-5 V Output current IO 100 mA Power dissipation PD 150 mW Junction temperature TJ 150 °C Storage temperature range Tstg -55 ~ 150 °C Electrical Characteristics (Ta=25 °C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Output cut-off current IO(OFF) VO=50V, VI=0 - - 500 nA DC current gain GI VO=5V, IO=10mA 80 200 - - Output voltage VO(ON) IO=10mA, II=0.5mA - 0.1 0.3 V Input voltage (ON) VI(ON) VO=0.2V, IO=5mA - 0.9 1.3 V Input voltage (OFF) VI(OFF) VO=5V, IO=0.1mA 0.5 0.65 - V Transition frequency fT* VO=10V, IO=5mA, f=1MHz - 200 - MHz Input current II VI=5V, IO=0 - - 1.8 mA Input resistor (Input to base) R1 - 3.3 4.7 6.1 KΩ Input resistor (Base to common) R2 - 33 47 61 KΩ * : Characteristic of transistor only R1 R2 IN COMMON OUT R1 R2 4.7K Ω 47K Ω IN COMMON OUT |
Similar Part No. - SRC1206EF |
|
Similar Description - SRC1206EF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |