Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPY534S Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPY534S
Description  Precision ANALOG MULTIPLIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPY534S Datasheet(HTML) 5 Page - Burr-Brown (TI)

  MPY534S Datasheet HTML 1Page - Burr-Brown (TI) MPY534S Datasheet HTML 2Page - Burr-Brown (TI) MPY534S Datasheet HTML 3Page - Burr-Brown (TI) MPY534S Datasheet HTML 4Page - Burr-Brown (TI) MPY534S Datasheet HTML 5Page - Burr-Brown (TI) MPY534S Datasheet HTML 6Page - Burr-Brown (TI) MPY534S Datasheet HTML 7Page - Burr-Brown (TI) MPY534S Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
MPY534
5
10
0
–10
–20
–30
10k
100k
1M
10M
Frequency (Hz)
FREQUENCY RESPONSE AS A MULTIPLIER
C
L = 0pF
C
L ≤ 1000pF
C
F = 0pF
With X10
Feedback
Attenuator
0dB = 0.1Vrms; R
L = 2kΩ
Normal
Connection
C
L ≤ 1000pF
C
F ≤ 200pF
C
L = 1000pF
14
12
10
8
6
4
8
Positive or Negative Supply (V)
INPUT/OUTPUT SIGNAL RANGE
vs SUPPLY VOLTAGES
10
12
14
16
18
20
Output, R
L ≥ 2kΩ
All Inputs, SF = 10V
50
40
30
20
10
0
–10
–20
1k
10k
1M
10M
Frequency (Hz)
FREQUENCY RESPONSE
vs DIVIDER DENOMINATOR INPUT VOLTAGE
100k
V
X = 100mVDC
V
Z = 10mVrms
V
X = 10VDC
V
Z = 1Vrms
V
X = 1VDC
V
Z = 100mVrms
1.5
1.25
1
0.75
0.5
10
100
10k
100k
Frequency (Hz)
NOISE SPECTRAL DENSITY
vs FREQUENCY
1k
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, ±VCC = 15VDC, unless otherwise noted.
THEORY OF OPERATION
The transfer function for the MPY534 is:
V
OUT = A
– (Z
1 – Z2)
where:
A = Open-loop gain of the output amplifier
(typically 85dB at DC).
SF = Scale Factor. Laser-trimmed to 10V but
adjustable over a 3V to 10V range using
external resistor.
X, Y, A are input voltages. Full-scale input voltage
is equal to the selected SF. (Max input voltage =
±1.25 SF.)
An intuitive understanding of transfer function can be gained
by analogy to an op amp. By assuming that the open-loop
gain, A, of the output amplifier is infinite, inspection of the
transfer function reveals that any V
OUT can be created with
an infinitesimally small quantity within the brackets. Then,
(X
1 – X2) (Y1 – Y2)
SF
an application circuit can be analyzed by assigning circuit
voltages for all X, Y and Z inputs and setting the bracketed
quantity equal to zero. For example, the basic multiplier
connection in Figure 1, Z
1 = VOUT and Z2 = 0. The quantity
within the brackets then reduces to:
– (V
OUT – 0) = 0
This approach leads to a simple relationship which can be
solved for V
OUT.
The scale factor is accurately factory-adjusted to 10V and is
typically accurate to within 0.1% or less. The scale factor
may be adjusted by connecting a resistor or potentiometer
between pin SF and the –V
S power supply. The value of the
external resistor can be approximated by:
R
SF = 5.4kΩ
(X
1 – X2) (Y1 – Y2)
SF
10 – SF
SF


Similar Part No. - MPY534S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPY534 TI-MPY534 Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
More results

Similar Description - MPY534S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com