Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA121 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA121
Description  Low Cost Precision Difet OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA121 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA121 Datasheet HTML 1Page - Burr-Brown (TI) OPA121 Datasheet HTML 2Page - Burr-Brown (TI) OPA121 Datasheet HTML 3Page - Burr-Brown (TI) OPA121 Datasheet HTML 4Page - Burr-Brown (TI) OPA121 Datasheet HTML 5Page - Burr-Brown (TI) OPA121 Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
®
OPA121
2
NOTES: (1) Sample tested. (2) Offset voltage, offset current, and bias current are specified with the units fully warmed up. (3) Overload recovery is defined as
the time required for the output to return from saturation to linear operation following the removal of a 50% input overdrive. (4) 100
°C/W for KU grade.
SPECIFICATIONS
ELECTRICAL
At VCC = ±15VDC and TA = +25°C unless otherwise noted. Pin 8 connected to ground.
OPA121KM
OPA121KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
NOISE
Voltage, fO = 10Hz
(1)
40
50
nV/
√Hz
fO = 100Hz
(1)
15
18
nV/
√Hz
fO = 1kHz
(1)
8
10
nV/
√Hz
fO = 10kHz
(1)
6
7
nV/
√Hz
fB = 10Hz to 10kHz
(1)
0.7
0.8
µVrms
fB = 0.1Hz to 10 Hz
(1)
1.6
2
µVp-p
Current, fB = 0.1Hz to 10Hz
(1)
15
21
fA, p-p
fO = 0.1Hz thru 20kHz
(1)
0.8
1.1
fA/
√Hz
OFFSET VOLTAGE(2)
Input Offset Voltage
VCM = 0VDC
±0.5
±2
±0.5
±3mV
Average Drift
TA = TMIN to TMAX
±3
±10
±3
±10
µV/°C
Supply Rejection
86
104
86
104
dB
±6
±50
±6
±50
µV/V
BIAS CURRENT(2)
Input Bias Current
VCM = 0VDC
±1
±5
±1
±10
pA
Device Operating
OFFSET CURRENT(2)
Input Offset Current
VCM = 0VDC
±0.7
±4
±0.7
±8pA
Device Operating
IMPEDANCE
Differential
1013 || 1
1013 || 1
Ω || pF
Common-Mode
1014 || 3
1014 || 3
Ω || pF
VOLTAGE RANGE
Common-Mode Input Range
±10
±11
±10
±11
V
Common-Mode Rejection
VIN = ±10VDC
86
104
82
100
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
110
120
106
114
dB
FREQUENCY RESPONSE
Unity Gain, Small Signal
2
2
MHz
Full Power Response
20Vp-p, RL = 2kΩ
32
32
kHz
Slew Rate
VO = ±10V, RL = 2kΩ
22
V/
µs
Settling Time, 0.1%
Gain = –1, RL = 2kΩ
66
µs
0.01%
10V Step
10
10
µs
Overload Recovery,
50% Overdrive(3)
Gain = –1
5
5
µs
RATED OUTPUT
Voltage Output
RL = 2kΩ±11
±12
±11
±12
V
Current Output
VO = ±10VDC
±5.5
±10
±5.5
±10
mA
Output Resistance
DC, Open Loop
100
100
Load Capacitance Stability
Gain = +1
1000
1000
pF
Short Circuit Current
10
40
10
40
mA
POWER SUPPLY
Rated Voltage
±15
±15
VDC
Voltage Range,
Derated Performance
±5
±18
±5
±18
VDC
Current, Quiescent
IO = 0mADC
2.5
4
2.5
4.5
mA
TEMPERATURE RANGE
Specification
Ambient Temperature
0
+70
0
+70
°C
Operating
Ambient Temperature
–40
+85
–25
+85
°C
Storage
Ambient Temperature
–65
+150
–55
+125
°C
θ Junction-Ambient
200
150(4)
°C/W
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - OPA121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA121 TI1-OPA121 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KM TI1-OPA121KM Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KM3 TI1-OPA121KM3 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KP TI1-OPA121KP Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KP4 TI1-OPA121KP4 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA121

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com