Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0713A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0713A
Description  SAW Filter 138.24MHz 76MHz BW (SMD 5횞7 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0713A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0713A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0713A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0713A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0713A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0713A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0713A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0713A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - TB0713A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0713A GOLLEDGE-TB0713A Datasheet
72Kb / 6P
   SAW Filter 138.240MHz
More results

Similar Description - TB0713A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0695A TAI-SAW-TB0695A Datasheet
287Kb / 7P
   SAW Filter 138.24MHz 76MHz BW (SMD 5횞7 mm)
TB1030A TAI-SAW-TB1030A Datasheet
333Kb / 6P
   SAW Filter 974.3MHz 76MHz BW (SMD 5.0횞5.0 mm)
TB1186A TAI-SAW-TB1186A Datasheet
164Kb / 7P
   SAW Filter 138.24MHz 20MHz BW (SMD 7.0횞5.0 mm)
logo
SIPAT Co,Ltd
LBN13818 SIPAT-LBN13818 Datasheet
308Kb / 3P
   138.24MHz IF SAW Filter 76MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0820A TAI-SAW-TB0820A Datasheet
304Kb / 7P
   IF SAW Filter 138.24MHz(BW=77MHz) SMD 7.0X5.0mm
TB0360A TAI-SAW-TB0360A Datasheet
465Kb / 7P
   SAW Filter 464MHz (SMD 5횞7 mm)
TB0160A TAI-SAW-TB0160A Datasheet
546Kb / 6P
   SAW IF Filter 473.4MHz (SMD 5횞7 mm)
logo
SIPAT Co,Ltd
LBN13817 SIPAT-LBN13817 Datasheet
320Kb / 3P
   138.24MHz SAW Filter
logo
Crystek Corporation
C18XX CRYSTEKCRYSTAL-C18XX_15 Datasheet
60Kb / 1P
   5횞7 mm SMD
C25XX CRYSTEKCRYSTAL-C25XX_15 Datasheet
64Kb / 1P
   5횞7 mm SMD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com