Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPY100BG Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MPY100BG
Description  MULTIPLIER-DIVIDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPY100BG Datasheet(HTML) 2 Page - Burr-Brown (TI)

  MPY100BG Datasheet HTML 1Page - Burr-Brown (TI) MPY100BG Datasheet HTML 2Page - Burr-Brown (TI) MPY100BG Datasheet HTML 3Page - Burr-Brown (TI) MPY100BG Datasheet HTML 4Page - Burr-Brown (TI) MPY100BG Datasheet HTML 5Page - Burr-Brown (TI) MPY100BG Datasheet HTML 6Page - Burr-Brown (TI) MPY100BG Datasheet HTML 7Page - Burr-Brown (TI) MPY100BG Datasheet HTML 8Page - Burr-Brown (TI) MPY100BG Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
®
MPY100
2
SPECIFICATIONS
At TA = +25°C and ±VS = 15VDC, unless otherwise specified.
MPY100A
MPY100B/C
MPY100S
(X
1 – X2)(Y1 –Y2)
10
+ Z
2
(X
1 – X2)
+ Y
1
10
+ Z
2
(X
1 – X2)
2
10(Z
2 – Z1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
MULTIPLIER PERFORMANCE
Transfer Function
*/*
*
Total Error
–10V
≤ X, Y ≤ 10V
Initial
T
A = +25°C
±2.0
±1.0/0.5
±0.5
% FSR
vs Temperature
–25
°C ≤ T
A ≤ +85°C
±0.017
±0.05
±0.008/0.008 ±0.02/0.02
% FSR/
°C
vs Temperature
–55
°C ≤ T
A ≤ +125°C
±0.025
±0.05
% FSR/
°C
vs Supply(1)
±0.05
*/*
*
% FSR/%
Individual Errors
Output Offset
Initial
T
A = +25°C
±50
±100
±10/7
±50/25
±7
±50
mV
vs Temperature
–25
°C ≤ T
A ≤ +85°C
±0.7
±2.0
±0.7/0.3
±2.0/±0.7
mV/
°C
vs Temperature
–55
°C ≤ T
A ≤ +125°C
±0.3
±0.7
mV/
°C
vs Supply(1)
±0.25
*/*
*
mV/%
Scale Factor Error
Initial
T
A = +25°C
±0.12
*/*
*
% FSR
vs Temperature
–25
°C ≤ T
A ≤ +85°C
±0.008
*/*
% FSR/
°C
vs Temperature
–55
°C ≤ T
A ≤ +125°C
±0.008
% FSR/
°C
vs Supply(1)
±0.05
*/*
*
% FSR %
Nonlinearity
X Input
X = 20Vp-p; Y =
±10VDC
±0.08
*/*
*
% FSR
Y Input
Y = 20Vp-p: X =
±10VDC
±0.08
*/*
*
% FSR
Feedthrough
f = 50Hz
X Input
X = 20Vp-p; Y = 0
100
30/30
30
mVp-p
Y Input
Y = 20Vp-p; X = 0
6
*/*
*
mVp-p
vs Temperature
–25
°C ≤ T
A ≤ +85°C
0.1
*/*
mVp-p/
°C
vs Temperature
–55
°C ≤ T
A ≤ 125°C
0.1
mVp-p/
°C
vs Supply(1)
0.15
*/*
*
mVp-p/%
DIVIDER PERFORMANCE
Transfer Function
X
1 > X2
*/*
*
Total Error (with
X = 10V
external adjustments)
–10V
≤ Z ≤ +10V
±1.5
±0.75/0.35
±0.35
% FSR
X = 1V
–1V
≤ Z ≤ +1V
±4.0
±2.0/1.0
±1.0
% FSR
+0.2V
≤ X ≤ +10V
–10V
≤ Z ≤ +10V
±5.0
±2.5/1.0
±1.0
% FSR
SQUARER PERFORMANCE
Transfer Function
*/*
*
Total Error
–10V
≤ X ≤ +10V
±1.2
±0.6/0.3
±0.3
% FSR
SQUARE ROOTER PERFORMANCE
Transfer Function
Z
1 < Z2
+
√10(Z
2 – Z1) + X2
*/*
*
Total Error
1V
≤ Z ≤ 10V
±2
±1/0.5
±0.5
% FSR
AC PERFORMANCE
Small-Signal Bandwidth
550
*/*
*
kHz
% Amplitude Error
Small-Signal
70
*/*
*
kHz
% (0.57
°) Vector Error
Small-Signal
5
*/*
*
kHz
Full Power Bandwidth
|V
O| = 10V, RL = 2kΩ
320
*/*
*
kHz
Slew Rate
|V
O| = 10V, RL = 2kΩ
20
*/*
*
V/
µs
Settling Time
ε = ±1%, ∆V
O = 20V
2
*/*
*
µs
Overload Recovery
50% Output Overload
0.2
*/*
*
µs
INPUT CHARACTERISTICS
Input Voltage Range
Rated Operation
±10
*/*
*
V
Absolute Maximum
±V
CC
*/*
*
V
Input Resistance
X, Y, Z(2)
10
*/*
*
M
Input Bias Current
X, Y, Z
1.4
*/*
*
µA
OUTPUT CHARACTERISTICS
Rated Output
Voltage
I
O = ±5mA
±10
*/*
*
V
Current
V
O = ±10V
±5
*/*
*
mA
Output Resistance
f = DC
1.5
*/*
*


Similar Part No. - MPY100BG

ManufacturerPart #DatasheetDescription
logo
RFE international
MPY103K250VAC150B RFE-MPY103K250VAC150B Datasheet
89Kb / 1P
   AC Y -CLASS FILM CAPACITORS MPY Series: Interference Suppressor Y2
More results

Similar Description - MPY100BG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Analog Devices
AD539 AD-AD539_15 Datasheet
570Kb / 21P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. B
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Zilog, Inc.
Z86193 ZILOG-Z86193 Datasheet
154Kb / 11P
   CMOS Z8 MICROCONTROLLER MULTIPLIER/DIVIDER/SEARCH/MERGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com