Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPY100BG Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MPY100BG
Description  MULTIPLIER-DIVIDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPY100BG Datasheet(HTML) 3 Page - Burr-Brown (TI)

  MPY100BG Datasheet HTML 1Page - Burr-Brown (TI) MPY100BG Datasheet HTML 2Page - Burr-Brown (TI) MPY100BG Datasheet HTML 3Page - Burr-Brown (TI) MPY100BG Datasheet HTML 4Page - Burr-Brown (TI) MPY100BG Datasheet HTML 5Page - Burr-Brown (TI) MPY100BG Datasheet HTML 6Page - Burr-Brown (TI) MPY100BG Datasheet HTML 7Page - Burr-Brown (TI) MPY100BG Datasheet HTML 8Page - Burr-Brown (TI) MPY100BG Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
®
MPY100
3
SPECIFICATIONS (CONT)
At TA = +25°C and ±VS = 15VDC, unless otherwise specified.
MPY100A
MPY100B/C
MPY100S
* Same as MPY100A specification.
*/* B/C grades same as MPY100A specification.
NOTES: (1) Includes effects of recommended null pots. (2) Z2 input resistance is 10MΩ, typical, with VOS pin open. If VOS pin is grounded or used for optional offset
adjustment, the Z2 input resistance may be as low as 25kΩ
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT NOISE VOLTAGE
X = Y = 0
f
O = 1Hz
6.2
*/*
*
µV/√Hz
f
O = 1kHz
0.6
*/*
*
µV/√Hz
l/f Corner Frequency
110
*/*
*
Hz
f
B = 5Hz to 10kHz
60
*/*
*
µVrms
f
B = 5Hz to 5MHz
1.3
*/*
*
mVrms
POWER SUPPLY REQUIREMENTS
Rated Voltage
±15
*/*
*
VDC
Operating Range
Derated Performance
±8.5
±20
*/*
*/*
*
*
VDC
Quiescent Current
±5.5
*/*
*
mA
TEMPERATURE RANGE (Ambient)
Specification
–25
+85
*/*
*/*
–55
+125
°C
Operating Range
Derated Performance
–55
+125
*/*
*/*
*
*
°C
Storage
–65
+150
*/*
*/*
*
*
°C
PIN CONFIGURATIONS
Top View
DIP
NOTES: (1) VOS adjustment optional not normally recommended. VOS pin
may be left open or grounded. (2) All unused input pins should be grounded.
Top View
TO-100
10
1
5
3
4
Y
2
–V
CC
Out
Z
1
+V
CC
Y
1
2
9
8
7
6
X
1
X
2
Z
2
V
OS
NOTES: (1) VOS adjustment optional not normally recommended. VOS pin
may be left open or grounded. (2) All unused input pins should be grounded.
ORDERING INFORMATION
MODEL
PACKAGE
TEMPERATURE RANGE
MPY100AG
14-Pin Ceramic DIP
–25
°C to +85°C
MPY100AM
Metal TO-100
–25
°C to +85°C
MPY100BG
14-Pin Ceramic DIP
–25
°C to +85°C
MPY100BM
Metal TO-100
–25
°C to +85°C
MPY100CG
14-Pin Ceramic DIP
–25
°C to +85°C
MPY100CM
Metal TO-100
–25
°C to +85°C
MPY100SG
14-Pin Ceramic DIP
–55
°C to +125°C
MPY100SM
Metal TO-100
–55
°C to +125°C
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
MPY100AG
14-Pin Ceramic DIP
169
MPY100AM
Metal TO-100
007
MPY100BG
14-Pin Ceramic DIP
169
MPY100BM
Metal TO-100
007
MPY100CG
14-Pin Ceramic DIP
169
MPY100CM
Metal TO-100
007
MPY100SG
14-Pin Ceramic DIP
169
MPY100SM
Metal TO-100
007
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Z
1
Out
–V
CC
NC
NC
NC
X
1
+V
CC
Y
1
Y
2
V
OS
Z
2
X
2
NC
NOTES: (1) Package must be derated on
θ
JC = 15°C/W and θJA =
165
°C/W for the metal package and
θ
JC = 35°C/W and θJA = 220°C/
W for the ceramic package. (2) For supply voltages less than
±20VDC,
the absolute maximum input voltage is equal to the supply voltage. (3)
Short-circuit may be to ground only. Rating applies to +85
°C ambient
for the metal package and +65
°C for the ceramic package.
ABSOLUTE MAXIMUM RATINGS
Supply ...........................................................................................
±20VDC
Internal Power Dissipation(1) .......................................................... 500mW
Differential Input Voltage(2) ...........................................................
±40VDC
Input Voltage Range(2) .................................................................
±20VDC
Storage Temperature Range ......................................... –65
°C to +150°C
Operating Temperature Range .................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short-circuit Duration(3) ................................................ Continuous
Junction Temperature .................................................................... +150
°C


Similar Part No. - MPY100BG

ManufacturerPart #DatasheetDescription
logo
RFE international
MPY103K250VAC150B RFE-MPY103K250VAC150B Datasheet
89Kb / 1P
   AC Y -CLASS FILM CAPACITORS MPY Series: Interference Suppressor Y2
More results

Similar Description - MPY100BG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Analog Devices
AD539 AD-AD539_15 Datasheet
570Kb / 21P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. B
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Zilog, Inc.
Z86193 ZILOG-Z86193 Datasheet
154Kb / 11P
   CMOS Z8 MICROCONTROLLER MULTIPLIER/DIVIDER/SEARCH/MERGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com