Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPY634SM Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPY634SM
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPY634SM Datasheet(HTML) 7 Page - Burr-Brown (TI)

  MPY634SM Datasheet HTML 1Page - Burr-Brown (TI) MPY634SM Datasheet HTML 2Page - Burr-Brown (TI) MPY634SM Datasheet HTML 3Page - Burr-Brown (TI) MPY634SM Datasheet HTML 4Page - Burr-Brown (TI) MPY634SM Datasheet HTML 5Page - Burr-Brown (TI) MPY634SM Datasheet HTML 6Page - Burr-Brown (TI) MPY634SM Datasheet HTML 7Page - Burr-Brown (TI) MPY634SM Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
MPY634
7
respectively. Feedback is applied to the Y2 input, and Y1 is
normally referenced to output ground. Alternatively, as the
transfer function implies, an input applied to Y1 can be
summed directly into VOUT. Since the feedback connection
is made to a multiplying input, the effective gain of the
output op amp varies as a function of the denominator input
voltage. Therefore, the bandwidth of the divider function is
proportional to the denominator voltage (see Typical Perfor-
mance Curves).
FIGURE 5. Square-Rooter Connection.
APPLICATIONS
FIGURE 6. Phase Detector.
FIGURE 7. Voltage-Controlled Amplifier.
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
V
O = (AB/20) cos
0.1µF
R
X
A sin (2
π 10MHz t)
B sin (2
π 10MHz t + )
Multiplier connection followed by a low-pass filter forms phase
detector useful in phase-locked-loop circuitry. R
X is often used in
PLL circuitry to provide desired loop-damping characteristics.
1k
θ
θ
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Z Input
10V FS
12V PK
V
OUT =
10V(Z
2 – Z1) + X2
Output, ±12V PK
R
L
(Must be
Provided)
Reverse
this and
X inputs
for
Negative
Outputs
Optional
Summing
Input, X,
±10V PK
FIGURE 4. Basic Divider Connection.
Accuracy of the divider mode typically ranges from 1.0% to
2.5% for a 10 to 1 denominator range depending on device
grade. Accuracy is primarily limited by input offset voltages
and can be significantly improved by trimming the offset of
the X input. A trim voltage of
±3.5mV applied to the “low
side” X input (X2 for positive input voltages on X1) can
produce similar accuracies over 100 to 1 denominator range.
To trim, apply a signal which varies from 100mV to 10V at
a low frequency (less than 500Hz). An offset sine wave or
ramp is suitable. Since the ratio of the quantities should be
constant, the ideal output would be a constant 10V. Using
AC coupling on an oscilloscope, adjust the offset control for
minimum output voltage variation.
SQUARE-ROOTER
A square-rooter connection is shown in Figure 5. Input
voltage is limited to one polarity (positive for the connection
shown). The diode prevents circuit latch-up should the input
go negative. The circuit can be configured for negative input
and positive output by reversing the polarity of both the X
and Y inputs. The output polarity can be reversed by revers-
ing the diode and X input polarity. A load resistance of
approximately 10k
Ω must be provided. Trimming for im-
proved accuracy would be accomplished at the Z input.
MPY634
X
1
+V
S
X
2
V
O
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
OPA606
1k
Minor gain adjustments are accomplished with the 1k
Ω variable resistor
connected to the scale factor adjustment pin, SF. Bandwidth of this circuit
is limited by A
1, which is operated at relatively high gain.
A
1
39k
2k
2k
+
E
S
+
E
C
–15V
V
O = 10 • EC • ES
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Optional
Summing Input
±10V PK
X Input
(Denominator)
0.1V
≤ X ≤ 10V
Z Input
(Numerator)
±10V FS,
±12V PK
+
(X
1 – X2)
V
OUT =
+ Y
1
10V(Z
2 – Z1)
Output, ±12V PK


Similar Part No. - MPY634SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPY634AM TI1-MPY634AM Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
MPY634BM TI1-MPY634BM Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
MPY634KP TI1-MPY634KP Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
MPY634KPG4 TI1-MPY634KPG4 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
MPY634KU TI1-MPY634KU Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results

Similar Description - MPY634SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
   Precision Wide Bandwidth Analog Switches
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
   Precision Wide Bandwidth Analog Switches
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
logo
Burr-Brown (TI)
MPY600 BURR-BROWN-MPY600 Datasheet
158Kb / 12P
   Wide Bandwidth SIGNAL MULTIPLIER
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
   Precision ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com