Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0716A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0716A
Description  SAW Filter 490MHz (TO39)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0716A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0716A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0716A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0716A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0716A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0716A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0716A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.FREQUENCY CHRACTERISTICS:
(1) S21 Response:(span 100MHz)
(2) Passband of Response: (span: 20MHz)


Similar Part No. - TB0716A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0713A TAI-SAW-TB0713A Datasheet
96Kb / 7P
   SAW Filter 138.24MHz 76MHz BW (SMD 5횞7 mm)
logo
Golledge Electronics Lt...
TB0713A GOLLEDGE-TB0713A Datasheet
72Kb / 6P
   SAW Filter 138.240MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0714A TAI-SAW-TB0714A Datasheet
397Kb / 7P
   SAW Filter 480MHz (SMD 5.0횞5.0 mm)
logo
Golledge Electronics Lt...
TB0714A GOLLEDGE-TB0714A Datasheet
142Kb / 6P
   SAW Filter 480.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0715A TAI-SAW-TB0715A Datasheet
398Kb / 7P
   SAW Filter 490MHz (SMD 5.0횞5.0 mm)
More results

Similar Description - TB0716A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0715A TAI-SAW-TB0715A Datasheet
398Kb / 7P
   SAW Filter 490MHz (SMD 5.0횞5.0 mm)
TA0283A TAI-SAW-TA0283A Datasheet
246Kb / 4P
   SAW Filter 315.5MHz TO39
TA0234A TAI-SAW-TA0234A Datasheet
240Kb / 4P
   SAW Filter 315MHz TO39
TB0222A TAI-SAW-TB0222A Datasheet
177Kb / 4P
   SAW Filter 480 MHz TO39
logo
Mini-Circuits
VLF-490 MINI-VLF-490 Datasheet
89Kb / 1P
   Low Pass Filter DC to 490MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TD0111A TAI-SAW-TD0111A Datasheet
215Kb / 3P
   SAW Resonator 403.55 MHz TO39
TC0203A TAI-SAW-TC0203A Datasheet
246Kb / 3P
   SAW Resonator 433.420 MHz TO39
TC0143A TAI-SAW-TC0143A Datasheet
240Kb / 3P
   SAW Resonator 303.825 MHz TO39
TC0145A TAI-SAW-TC0145A Datasheet
240Kb / 3P
   SAW Resonator 868.35 MHz TO39
TC0240A TAI-SAW-TC0240A Datasheet
213Kb / 3P
   SAW Resonator 435.7 MHz TO39
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com