Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA129PB Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA129PB
Description  Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA129PB Datasheet(HTML) 6 Page - Burr-Brown (TI)

  OPA129PB Datasheet HTML 1Page - Burr-Brown (TI) OPA129PB Datasheet HTML 2Page - Burr-Brown (TI) OPA129PB Datasheet HTML 3Page - Burr-Brown (TI) OPA129PB Datasheet HTML 4Page - Burr-Brown (TI) OPA129PB Datasheet HTML 5Page - Burr-Brown (TI) OPA129PB Datasheet HTML 6Page - Burr-Brown (TI) OPA129PB Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
®
OPA129
6
0
Supply Voltage (±V
CC)
COMMON-MODE INPUT RANGE vs SUPPLY VOLTAGE
510
020
15
10
5
15
BIAS CURRENT vs ADDITIONAL POWER DISSIPATION
Additional Power Dissipation (mW)
100pA
10pA
1pA
100
10
1
0
200
350
50
100
150
250
300
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, +15VDC, unless otherwise noted.
APPLICATIONS INFORMATION
NON-STANDARD PINOUT
The OPA129 uses a non-standard pinout to achieve lowest
possible input bias current. The negative power supply is
connected to pin 5—see Figure 1. This is done to reduce the
leakage current from the V- supply (pin 4 on conventional
op amps) to the op amp input terminals. With this new
pinout, sensitive inputs are separated from both power
supply pins.
FIGURE 1. Offset Adjust Circuit.
OFFSET VOLTAGE TRIM
The OPA129 has no conventional offset trim connections.
Pin 1, next to the critical inverting input, has no internal
connection. This eliminates a source of leakage current and
allows guarding of the input terminals. Pin 1 and pin 4, next
to the two input pins, have no internal connection. This
allows an optimized circuit board layout with guarding—see
“circuit board layout.”
Due to its laser-trimmed input stage, most applications do
not require external offset voltage trimming. If trimming is
required, the circuit shown in Figure 1 can be used. Power
supply voltages are divided down, filtered and applied to the
non-inverting input. The circuit shown is sensitive to varia-
tion in the supply voltages. Regulation can be added, if
needed.
GUARDING AND SHIELDING
Ultra-low input bias current op amps require precautions to
achieve best performance. Leakage current on the surface of
circuit board can exceed the input bias current of the ampli-
fier. For example, a circuit board resistance of 1012
Ω from
a power supply pin to an input pin produces a current of
15pA—more than one-hundred times the input bias current
of the op amp.
To minimize surface leakage, a guard trace should com-
pletely surround the input terminals and other circuitry
connecting to the inputs of the op amp. The DIP package
should have a guard trace on both sides of the circuit board.
The guard ring should be driven by a circuit node equal in
potential to the op amp inputs—see Figure 2. The substrate,
pin 8, should also be connected to the circuit board guard to
assure that the amplifier is fully surrounded by the guard
potential. This minimizes leakage current and noise pick-up.
Careful shielding is required to reduce noise pickup. Shield-
ing near feedback components may also help reduce noise
pick-up.
Triboelectric effects (friction-generated charge) can be a
troublesome source of errors. Vibration of the circuit board,
input connectors and input cables can cause noise and drift.
Make the assembly as rigid as possible. Attach cables to
avoid motion and vibration. Special low noise or low leak-
age cables may help reduce noise and leakage current. Keep
all input connections as short possible. Surface-mount com-
ponents may reduce circuit board size and allow a more rigid
assembly.
OPA129
V
OUT
V
IN
R
F
R
IN
2
3
6
7
5
V+
V–
0.1µF
220
470k
470k
V–
V+


Similar Part No. - OPA129PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA129PB TI-OPA129PB Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
OPA129PB TI-OPA129PB Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129PB TI1-OPA129PB Datasheet
661Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA129PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA129UE4 TI-OPA129UE4 Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_06 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com