Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ6.5A Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SMAJ6.5A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ6.5A Datasheet(HTML) 2 Page - Leshan Radio Company

  SMAJ6.5A Datasheet HTML 1Page - Leshan Radio Company SMAJ6.5A Datasheet HTML 2Page - Leshan Radio Company SMAJ6.5A Datasheet HTML 3Page - Leshan Radio Company SMAJ6.5A Datasheet HTML 4Page - Leshan Radio Company SMAJ6.5A Datasheet HTML 5Page - Leshan Radio Company SMAJ6.5A Datasheet HTML 6Page - Leshan Radio Company SMAJ6.5A Datasheet HTML 7Page - Leshan Radio Company SMAJ6.5A Datasheet HTML 8Page - Leshan Radio Company SMAJ6.5A Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Uni-
Reverse
Breakdown
Breakdown
Test
Maximum
Peak
Reverse
Directional
Stand-off
Voltage
Voltage
Current
Clamping
Pulse
Leakage
Part
Voltage
VBR (V)
VBR (V)
IT
Voltage
Current
@VRWM
Number
VRWM (V)
Min. @IT
Max. @IT
(mA)
@IPP VC (V)
Ipp (A)
IR (uA)
SMAJ5.0
AD
5.00
6.40
7.00
10.00
9.20
43.50
800
SMAJ5.0A
AE
5.00
6.40
7.00
10.00
9.20
43.50
800
SMAJ6.0
AF
6.00
6.67
7.37
10.00
10.30
38.80
800
SMAJ6.0A
AG
6.00
6.67
7.37
10.00
10.30
38.80
800
SMAJ6.5
AH
6.50
7.22
7.98
10.00
11.20
35.70
500
SMAJ6.5A
AK
6.50
7.22
7.98
10.00
11.20
35.70
500
SMAJ7.0
AL
7.00
7.78
8.60
10.00
12.00
33.30
200
SMAJ7.0A
AM
7.00
7.78
8.60
10.00
12.00
33.30
200
SMAJ7.5
AN
7.50
8.33
9.21
1.00
12.90
31.00
100
SMAJ7.5A
AP
7.50
8.33
9.21
1.00
12.90
31.00
100
SMAJ8.0
AQ
8.00
8.89
9.83
1.00
13.60
29.40
50
SMAJ8.0A
AR
8.00
8.89
9.83
1.00
13.60
29.40
50
SMAJ8.5
AS
8.50
9.44
10.40
1.00
14.40
27.80
20
SMAJ8.5A
AT
8.50
9.44
10.40
1.00
14.40
27.80
20
SMAJ9.0
AU
9.00
10.00
11.10
1.00
15.40
26.00
10
SMAJ9.0A
AV
9.00
10.00
11.10
1.00
15.40
26.00
10
SMAJ10
AW
10.00
11.10
12.30
1.00
17.00
23.501
SMAJ10A
AX
10.00
11.10
12.30
1.00
17.00
23.501
SMAJ11
AY
11.00
12.20
13.50
1.00
18.20
22.001
SMAJ11A
AZ
11.00
12.20
13.50
1.00
18.20
22.001
SMAJ12
BD
12.00
13.30
14.70
1.00
19.90
20.101
SMAJ12A
BE
12.00
13.30
14.70
1.00
19.90
20.101
SMAJ13
BF
13.00
14.40
15.90
1.00
21.50
18.601
SMAJ13A
BG
13.00
14.40
15.90
1.00
21.50
18.601
SMAJ14
BH
14.00
15.60
17.20
1.00
23.20
17.201
SMAJ14A
BK
14.00
15.60
17.20
1.00
23.20
17.201
SMAJ15
BL
15.00
16.70
18.50
1.00
24.40
16.401
SMAJ15A
BM
15.00
16.70
18.50
1.00
24.40
16.401
SMAJ16
BN
16.00
17.80
19.70
1.00
26.00
15.401
SMAJ16A
BP
16.00
17.80
19.70
1.00
26.00
15.401
SMAJ17
BQ
17.00
18.90
20.90
1.00
27.60
14.501
SMAJ17A
BR
17.00
18.90
20.90
1.00
27.60
14.501
SMAJ18
BS
18.00
20.00
22.10
1.00
29.20
13.701
SMAJ18A
BT
18.00
20.00
22.10
1.00
29.20
13.701
SMAJ20
BU
20.00
22.20
24.50
1.00
32.40
12.301
SMAJ20A
BV
20.00
22.20
24.50
1.00
32.40
12.301
SMAJ22
BW
22.00
24.40
26.90
1.00
35.50
11.301
SMAJ22A
BX
22.00
24.40
26.90
1.00
35.50
11.301
SMAJ24
BY
24.00
26.70
29.50
1.00
38.90
10.301
SMAJ24A
BZ
24.00
26.70
29.50
1.00
38.90
10.301
SMAJ26
CD
26.00
28.90
31.90
1.00
42.10
9.501
SMAJ26A
CE
26.00
28.90
31.90
1.00
42.10
9.501
SMAJ28
CF
28.00
31.10
34.40
1.00
45.40
8.801
SMAJ28A
CG
28.00
31.10
34.40
1.00
45.40
8.801
SMAJ30
CH
30.00
33.30
36.80
1.00
48.40
8.301
SMAJ30A
CK
30.00
33.30
36.80
1.00
48.40
8.301
SMAJ33
CL
33.00
36.70
40.60
1.00
53.30
7.501
SMAJ33A
CM
33.00
36.70
40.60
1.00
53.30
7.501
SMAJ36
CN
36.00
40.00
44.20
1.00
58.10
6.901
SMAJ36A
CP
36.00
40.00
44.20
1.00
58.10
6.901
SMAJ40
CQ
40.00
44.40
49.10
1.00
64.50
6.201
SMAJ40A
CR
40.00
44.40
49.10
1.00
64.50
6.201
SMAJ*** Series
Device marking
code


Similar Part No. - SMAJ6.5A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ6.5A JGD-SMAJ6.5A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
SMAJ6.5A YFWDIODE-SMAJ6.5A Datasheet
845Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
MERITEK ELECTRONICS COR...
SMAJ6.5A MERITEK-SMAJ6.5A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
FutureWafer Tech Co.,Lt...
SMAJ6.5A FUTUREWAFER-SMAJ6.5A Datasheet
1Mb / 12P
   400W Transient Voltage Suppression Diodes
14-Jul-2021 V 2.1
logo
TAITRON Components Inco...
SMAJ6.5A TAITRON-SMAJ6.5A Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMAJ6.5A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com