Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0791A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0791A
Description  IF SAW Filter 109.8MHz(BW=200KHz) SMD 11.4X5.0mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0791A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0791A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0791A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0791A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0791A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0791A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0791A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
D. Outline Drawing:
Pin a: RF Input
Pin f: RF Output
Pin b, c, d, e, g, h, j, k : To be ground
Unit : mm
D. Matching Circuit:
Zin = Zout = 470 ohm
L1=270nH L2=270nH C1=12pF C2=15pF
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b
7
9
1
T


Similar Part No. - TB0791A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0791A GOLLEDGE-TB0791A Datasheet
75Kb / 5P
   IF SAW Filter: 109.8MHz (BW=200kHz) (SMD 11.4X5.0mm)
More results

Similar Description - TB0791A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01987 GOLLEDGE-MP01987 Datasheet
75Kb / 5P
   IF SAW Filter: 109.8MHz (BW=200kHz) (SMD 11.4X5.0mm)
logo
TAI-SAW TECHNOLOGY CO.,...
TB0681A TAI-SAW-TB0681A Datasheet
349Kb / 6P
   IF SAW Filter 110MHz(BW=200KHz) SMD 9.1X7.1mm
TB0416A TAI-SAW-TB0416A Datasheet
626Kb / 6P
   IF SAW Filter 193.7MHz(BW=10MHz) SMD 9.1X7.1mm
TB0781A TAI-SAW-TB0781A Datasheet
398Kb / 7P
   IF SAW Filter 153.6MHz(BW=5MHz) SMD 5X7mm
TB1358A TAI-SAW-TB1358A Datasheet
432Kb / 7P
   56.857MHz 5.62MHz BW SMD 25x9.0mm SAW IF Filter
TB0473A TAI-SAW-TB0473A Datasheet
372Kb / 4P
   IF SAW Filter 44MHz(BW=5MHz) SMD 13.7X4.8mm
TB0574A TAI-SAW-TB0574A Datasheet
386Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB0588A TAI-SAW-TB0588A Datasheet
398Kb / 7P
   IF SAW Filter 288MHz(BW=10MHz) SMD 5X5mm
TB0786A TAI-SAW-TB0786A Datasheet
378Kb / 7P
   IF SAW Filter 279.88MHz(BW=7MHz) SMD 5X7mm
TB0185A TAI-SAW-TB0185A Datasheet
413Kb / 7P
   IF SAW Filter 70MHz(BW=7MHz) SMD 13.3X6.5mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com