Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE110A Datasheet(PDF) 7 Page - Leshan Radio Company

Part # P6KE110A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

P6KE110A Datasheet(HTML) 7 Page - Leshan Radio Company

  P6KE110A Datasheet HTML 1Page - Leshan Radio Company P6KE110A Datasheet HTML 2Page - Leshan Radio Company P6KE110A Datasheet HTML 3Page - Leshan Radio Company P6KE110A Datasheet HTML 4Page - Leshan Radio Company P6KE110A Datasheet HTML 5Page - Leshan Radio Company P6KE110A Datasheet HTML 6Page - Leshan Radio Company P6KE110A Datasheet HTML 7Page - Leshan Radio Company P6KE110A Datasheet HTML 8Page - Leshan Radio Company P6KE110A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
标题:
1.4
标签要求 label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:mm
L
WH
T52
430
±2
280
±2
225
±2
T42
410
±2
285
±2
300
±2
T26
435
±3
280
±3
295
±3
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
R-3
DO-15
1.8K
2K(T52)
1.8K(T26)
18K
20K
36K
36K
32.4K
36K
外箱数量(T42编带)
quantity/cartoon
54K-
外箱数量(T26编带)
quantity/cartoon
60K-
每根编带数量
quantity/ammo
3K
0.8K
外箱数量(T52编带)
quantity/cartoon
30K
8.0K
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
塑封外型
A-405 & DO-41 & R-1
DO-201AD
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


Similar Part No. - P6KE110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE110A MOTOROLA-P6KE110A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Shenzhen Luguang Electr...
P6KE110A LUGUANG-P6KE110A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
P6KE110A VISHAY-P6KE110A Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
StarHope
P6KE110A SPSEMI-P6KE110A Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
EIC discrete Semiconduc...
P6KE110A EIC-P6KE110A Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE110A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com