Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE130 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # P6KE130
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

P6KE130 Datasheet(HTML) 4 Page - Leshan Radio Company

  P6KE130 Datasheet HTML 1Page - Leshan Radio Company P6KE130 Datasheet HTML 2Page - Leshan Radio Company P6KE130 Datasheet HTML 3Page - Leshan Radio Company P6KE130 Datasheet HTML 4Page - Leshan Radio Company P6KE130 Datasheet HTML 5Page - Leshan Radio Company P6KE130 Datasheet HTML 6Page - Leshan Radio Company P6KE130 Datasheet HTML 7Page - Leshan Radio Company P6KE130 Datasheet HTML 8Page - Leshan Radio Company P6KE130 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2. Characteristic Curves ( TA = 25
°C unless otherwise noted )
P6KE ***Series
Fig. 1-Peak Pulse Power Rating Curve
Fig. 2-Pulse Derating Curve
Fig. 3-Pulse Waveform
Fig. 5-Maximum Non-Repetitive Peak
Forward Surge Current Uniderictional
100
10
1.0
0.1
0.1
1.0
10
100
1000 10000
td,Pulse Width,μsec
TA,Ambient Temperature,°C
50
100
150
0
t,Time,ms
0
1.0
2.0
3.0
Number of Cycles At 60 Hz
Non-Repetive
Pulse Waveform
Shown in Fig.3
TA=25°C
tf=10μs
Peak Value
Ippm
Half Value
Ipp/2=td
TA=25℃
Test Waveform
tf=10μs td=1000μs
100
10
1
10
100
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
10/1000μs Waveform
as deffused by R.E.A
0
25
50 100 125 150 175
125
100
50
0
Fig. 4-Steady State Power
Derating Curve
5.00
3.00
4.00
2.00
1.00
0.00
TL,Lead Temperature,°C
0
25
50 75 100 125 150 175
0.375"(9.5mm)
20mm*20mm*1mm
Fig. 6-Typical Junction Capacitance
Unidirectional
10000
1000
100
10 1.0
10
100
1000
V(WM),Reverse Stand-off Voltage,Voltage
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
meansured at
stand-off voltage
VWM
meansured at
Zero Bias


Similar Part No. - P6KE130

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
P6KE130 YANGJIE-P6KE130 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P6KE130 PANJIT-P6KE130 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P6KE130 LUGUANG-P6KE130 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE130 LUGUANG-P6KE130 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
P6KE130 MICROSEMI-P6KE130 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE130

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com