Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE160 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # P6KE160
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

P6KE160 Datasheet(HTML) 1 Page - Leshan Radio Company

  P6KE160 Datasheet HTML 1Page - Leshan Radio Company P6KE160 Datasheet HTML 2Page - Leshan Radio Company P6KE160 Datasheet HTML 3Page - Leshan Radio Company P6KE160 Datasheet HTML 4Page - Leshan Radio Company P6KE160 Datasheet HTML 5Page - Leshan Radio Company P6KE160 Datasheet HTML 6Page - Leshan Radio Company P6KE160 Datasheet HTML 7Page - Leshan Radio Company P6KE160 Datasheet HTML 8Page - Leshan Radio Company P6KE160 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Feature
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
* Glass passivated chip junction in DO-15 package
* 600W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: typically less
than 1.0 ps from 0 volts to BV min
* Typical IR less than 1
μA above 10V
* High temperature soldering guaranteed:
260 /10 seconds/.375
”,(9.5mm) lead
length/5lbs., (2.3kg) tension
Case: JEDEC DO-15 molded plastic
Terminals: Axial leads, solderable per
MIL-STD-202, Method 208
We declare that the material of product compliance
Polarity: Color band denoted cathode
with ROHS requirements
except Bipolar
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
VALUE
UNITS
PPPM
Minimum 600
Watts
PM(AV)
5.0
Watts
IFSM
100
Amps
TJ
-55 to +150
°C
TSTG
-55 to +175
°C
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25
°C per Fig. 2.
2. Mounted on Copper Leaf area of 1.57in2(40mm
2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
VOLTAGE - 6.8 TO 550 Volts
1.Electrical Characteristic
Peak Forward Surge Current, 8.3ms Single Half Sine-
Wave Superimposed on Rated Load(JECED Method) (Note 3)
RATING
Peak Power Dissipation at TA=25°C, TP=1ms(Note 1)
Steady State Power Dissipation at TL=75°C
Lead Lengths .375
”,(9.5mm) (Note 2)
Operating Temperature Range
600Watt Peak Power
5.0 Watt Steady State
Storage Temperature Range
P6KE*** Series
Mechanical Data
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types P6KE6.8 thru types P6KE550
Electrical characteristics apply in both directions.marking code is all type.
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR


Similar Part No. - P6KE160

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
P6KE160 YANGJIE-P6KE160 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P6KE160 PANJIT-P6KE160 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yangzhou yangjie electr...
P6KE160 YANGJIE-P6KE160 Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE160 LUGUANG-P6KE160 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
P6KE160 MICROSEMI-P6KE160 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE160

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com