Electronic Components Datasheet Search
Selected language     English  ▼


OPA234 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPA234
Description  Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 4 page
background image
OPA234, OPA2234, OPA4234
4
SBOS055B
www.ti.com
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VCM = 0V
±70
±250
±500
µV
OPA4234U Model
±70
±250
µV
vs Temperature(1)
dVOS/dT
Operating Temperature Range
±0.5
±5
✻✻
µV/°C
vs Power Supply
PSRR
VS = ±1.35V to ±18V, VCM = 0V
3
10
20
µV/V
vs Time
0.2
µV/mo
Channel Separation (Dual, Quad)
0.3
µV/V
INPUT BIAS CURRENT
Input Bias Current(2)
IB
VCM = 0V
–12
–25
–50
nA
Input Offset Current
IOS
VCM = 0V
±1
±5
✻✻
nA
NOISE
f = 1kHz
Input Voltage Noise Density
vn
25
nV/
√Hz
Current Noise Density
in
80
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
(V–)
(V+) –1
✻✻
V
Common-Mode Rejection
CMRR
VCM = –15V to 14V
91
106
86
dB
INPUT IMPEDANCE
Differential
107 || 5
Ω || pF
Common-Mode
VCM = 0V
1010 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VO = –14.5V to 14V
110
120
100
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
CL = 100pF
0.35
MHz
Slew Rate
SR
0.2
V/
µs
Settling Time: 0.1%
G = 1, 10V Step, CL = 100pF
41
µs
0.01%
G = 1, 10V Step, CL = 100pF
47
µs
Overload Recovery Time
(VIN) (Gain) = VS
22
µs
OUTPUT
Voltage Output: Positive
(V+) –1
(V+) –0.7
✻✻
V
Negative
(V–) +0.5 (V–) +0.15
✻✻
V
Short-Circuit Current
ISC
±22
mA
Capacitive Load Drive (Stable Operation)(3)
G = +1
1000
pF
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±1.35
±18
✻✻
V
Quiescent Current (per amplifier)
IQ
IO = 0
±275
±350
✻✻
µA
TEMPERATURE RANGE
Specified Range
–40
+85
✻✻
°C
Operating Range
–40
+125
✻✻
°C
Storage
–55
+125
✻✻
°C
Thermal Resistance
θ
JA
8-Pin DIP
100
°C/W
SO-8 Surface-Mount
150
°C/W
MSOP-8 Surface-Mount
220
°C/W
14-Pin DIP
80
°C/W
SO-14 Surface-Mount
110
°C/W
✻ Specifications same as OPA234U, E.
NOTES: (1) Wafer-level tested to 95% confidence level. (2) Positive conventional current flows into the input terminals. (3) See
Small-Signal Overshoot vs Load
Capacitance typical curve.
ELECTRICAL CHARACTERISTICS: VS = ±15V
At TA = 25°C, VS = ±15V, and RL = 10kΩ connected to ground, unless otherwise noted.
OPA234U, E
OPA2234U
OPA234UA, EA
OPA2234UA
OPA4234UA, U




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
OPA237SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier™ Series 1 2 3 4 5 MoreTexas Instruments
ICL8021High Reliability Low Power Bipolar Operational Amplifier 1 2 3 4 5 Intersil Corporation
AD8613Low Cost Micropower Low Noise CMOS Rail-to- Rail Input/Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LM2902WLOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
AD8691Low Cost Low Noise CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AD8538Low Power Precision Auto-Zero Op Amp 1 2 3 4 5 MoreAnalog Devices
LT1055Precision High Speed JFET Input Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
ADCMP608Rail-to-Rail Fast Low Power 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparators 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl