Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA234 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA234
Description  Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA234 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA234 Datasheet HTML 1Page - Burr-Brown (TI) OPA234 Datasheet HTML 2Page - Burr-Brown (TI) OPA234 Datasheet HTML 3Page - Burr-Brown (TI) OPA234 Datasheet HTML 4Page - Burr-Brown (TI) OPA234 Datasheet HTML 5Page - Burr-Brown (TI) OPA234 Datasheet HTML 6Page - Burr-Brown (TI) OPA234 Datasheet HTML 7Page - Burr-Brown (TI) OPA234 Datasheet HTML 8Page - Burr-Brown (TI) OPA234 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
OPA234, OPA2234, OPA4234
5
SBOS055B
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage ..................................................... (V–) –0.7V to (V+) +0.7V
Output Short-Circuit(1) .............................................................. Continuous
Operating Temperature .................................................. –40
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTE: (1) Short-circuit to ground, one amplifier per package.
PACKAGE
PRODUCT
PACKAGE
MARKING
Single
OPA234EA
MSOP-8 Surface-Mount
A34
OPA234E
""
OPA234UA
SO-8 Surface-Mount
OPA234UA
OPA234U
"
OPA234U
Dual
OPA2234UA
SO-8 Surface-Mount
OPA2234UA
OPA2234U
"
OPA2234U
Quad
OPA4234UA
SO-8 Surface-Mount
OPA4234UA
OPA4234U
"
OPA4234U
NOTE: (1) For the most current package and ordering information, see the
Package Option Addendum located at the end of this data sheet.
PACKAGE INFORMATION


Similar Part No. - OPA234

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA234 TI-OPA234 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2340 BURR-BROWN-OPA2340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA2340 BURR-BROWN-OPA2340 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results

Similar Description - OPA234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com