Electronic Components Datasheet Search
Selected language     English  ▼


OPA234 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPA234
Description  Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 1 page
background image
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4234
SO-14
AD
BC
Low-Power, Precision
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
FEATURES
q WIDE SUPPLY RANGE:
Single Supply: VS = +2.7V to +36V
Dual Supply: VS = ±1.35V to ±18V
q SPECIFIED PERFORMANCE:
+2.7V, +5V, and
±15V
q LOW QUIESCENT CURRENT: 250
µA/amp
q LOW INPUT BIAS CURRENT: 25nA max
q LOW OFFSET VOLTAGE: 100
µV max
q HIGH CMRR, PSRR, and A
OL
q SINGLE, DUAL, and QUAD VERSIONS
DESCRIPTION
The OPA234 series low-cost op amps are ideal for
single-supply, low-voltage, low-power applications. The
series provides lower quiescent current than older
“1013”-type products and comes in current industry-
standard packages and pinouts. The combination of
low offset voltage, high common-mode rejection, high
power-supply rejection, and a wide supply range pro-
vides excellent accuracy and versatility. Single, dual,
and quad versions have identical specifications for
maximum design flexibility. These general-purpose op
amps are ideal for portable and battery-powered appli-
cations.
The OPA234 series op amps operate from either single
or dual supplies. In single-supply operation, the input
common-mode range extends below ground and the
output can swing to within 50mV of ground. Excellent
phase margin makes the OPA234 series ideal for de-
manding applications, including high load capacitance.
Dual and quad designs feature completely indepen-
dent circuitry for lowest crosstalk and freedom from
interaction.
Single version packages are in an SO-8 surface-mount
and a space-saving MSOP-8 surface-mount. Dual pack-
ages are in an SO-8 surface-mount. Quad packages
are in an SO-14 surface-mount. All are specified for
–40
°C to +85°C operation.
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2234
SO-8
A
B
1
2
3
4
8
7
6
5
NC
V+
Output
Offset Trim
Offset Trim
–In
+In
V–
OPA234
SO-8, MSOP-8
OPA2
34
OPA2
234
OPA2
34
OPA
423
4
OPA234
OPA2234
OPA4234
SBOS055B – MAY 1996 – REVISED APRIL 2008




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
OPA237SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier™ Series 1 2 3 4 5 MoreTexas Instruments
ICL8021High Reliability Low Power Bipolar Operational Amplifier 1 2 3 4 5 Intersil Corporation
AD8613Low Cost Micropower Low Noise CMOS Rail-to- Rail Input/Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LM2902WLOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
AD8691Low Cost Low Noise CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AD8538Low Power Precision Auto-Zero Op Amp 1 2 3 4 5 MoreAnalog Devices
LT1055Precision High Speed JFET Input Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
ADCMP608Rail-to-Rail Fast Low Power 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparators 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl