Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32676G3306000 Datasheet(PDF) 3 Page - EPCOS

Part # B32676G3306000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32676G3306000 Datasheet(HTML) 3 Page - EPCOS

  B32676G3306000 Datasheet HTML 1Page - EPCOS B32676G3306000 Datasheet HTML 2Page - EPCOS B32676G3306000 Datasheet HTML 3Page - EPCOS B32676G3306000 Datasheet HTML 4Page - EPCOS B32676G3306000 Datasheet HTML 5Page - EPCOS B32676G3306000 Datasheet HTML 6Page - EPCOS B32676G3306000 Datasheet HTML 7Page - EPCOS B32676G3306000 Datasheet HTML 8Page - EPCOS B32676G3306000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Overview of available types
Lead spacing 27.5 mm
Type
B32674
Page
6
VR (V DC)
300
450
630
750
875
CR (
µF)
0.47
0.68
1.0
1.5
2.2
3.0
3.3
4.0
4.7
5.0
5.6
6.0
6.8
7.5
8.0
8.2
10
12
B32674 ... B32678
MKP DC link
high power series
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32676G3306000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32676G3306000 TDK-B32676G3306000 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32676G3306000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com