Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA131UJ Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA131UJ
Description  General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA131UJ Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA131UJ Datasheet HTML 1Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 2Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 3Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 4Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 5Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 6Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
®
OPA131/2131/4131
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
POWER SUPPLY AND COMMON-MODE REJECTION
vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
CMR
+PSR
–PSR
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
160
140
120
100
80
10
100
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
R
L = ∞
R
L = 2kΩ
OPEN-LOOP GAIN/PHASE vs FREQUENCY
1
120
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
G
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
Ambient Temperature (°C)
10k
1k
100
10
1
0.1
0.01
–75
–50
–25
0
25
50
75
100
125
I
B
I
OS
V
CM = 0V
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
1k
100
10
1
–15
–10
–5
0
5
10
15
Input bias current is a
function of the voltage
between the V– supply
and the inputs.
V
S = ±15V
V
S = ±5V
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
1
1k
100
10
Frequency (Hz)
10
100
1k
10k
100k
1M
1
1k
100
10
1
Voltage Noise
Current Noise


Similar Part No. - OPA131UJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131UJ TI-OPA131UJ Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ TI-OPA131UJ Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ TI1-OPA131UJ Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ/2K5 TI-OPA131UJ/2K5 Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ/2K5 TI1-OPA131UJ/2K5 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA131UJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA4131NAG4 TI-OPA4131NAG4 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131 TI-OPA131 Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com