Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA137PA Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA137PA
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA137PA Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA137PA Datasheet HTML 1Page - Burr-Brown (TI) OPA137PA Datasheet HTML 2Page - Burr-Brown (TI) OPA137PA Datasheet HTML 3Page - Burr-Brown (TI) OPA137PA Datasheet HTML 4Page - Burr-Brown (TI) OPA137PA Datasheet HTML 5Page - Burr-Brown (TI) OPA137PA Datasheet HTML 6Page - Burr-Brown (TI) OPA137PA Datasheet HTML 7Page - Burr-Brown (TI) OPA137PA Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
®
OPA137, 2137, 4137
APPLICATIONS INFORMATION
OPA137 series op amps are unity-gain stable and suitable
for a wide range of general-purpose applications. Power
supply pins should be bypassed with 10nF ceramic capaci-
tors or larger. All circuitry is completely independent in dual
and quad versions, assuring normal performance when one
amplifier in a package is overdriven or short circuited. Many
key parameters are guaranteed over the specified tempera-
ture range, –40
°C to +85°C.
OPERATING VOLTAGE
OPA137 op amps can be operated on power supplies as low
as
±2.25V. Performance remains excellent with power sup-
plies ranging from
±2.25V to ±18V (+4.5V to +36V single
supply). Most parameters vary only slightly throughout this
supply voltage range. Quiescent current and short-circuit
current vs supply voltage are shown in Typical Performance
Curves.
Operation at very low supply voltage (VS ≤ ±3V) requires
careful attention to ensure that the common-mode voltage
remains within the linear range, VCM = (V–)+3V to (V+).
Inputs may need to be biased above ground in accordance
with the common-mode voltage range restrictions for linear
operation.
INPUT VOLTAGE
The input common-mode voltage range of OPA137 series
op amps extends from (V–)+3V to the positive rail, V+. For
normal operation, inputs should be limited to this range. The
inputs may go beyond the power supplies without output
phase-reversal. Many FET-input op amps (such as TL061
types) exhibit phase-reversal of the output when the input
common-mode range is exceeded. This can occur in voltage-
follower circuits, causing serious problems in control loop
applications.
Input terminals are diode-clamped to the power supply rails
for ESD protection. If the input voltage can exceed the
negative supply by 500mV, input current should be limited
to 2mA (or less). If the input current is not adequately
limited, you may see unpredicatable behavior in the other
amplifiers in the package. This is easily accomplished with
an input resistor as shown in Figure 1. Many input signals
are inherently current-limited, therefore, a limiting resistor
may not be required.
FIGURE 1. Input Current Protection for Voltages Exceed-
ing the Supply Voltage.
HIGH-SIDE CURRENT SENSING
Many applications require the sensing of signals near the
positive supply. The common-mode input range of OPA137
op amps includes the positive rail, enabling them to be used
to sense power supply currents as shown in Figure 2.
FIGURE 2. High-Side Current Monitor.
INPUT BIAS CURRENT
The input bias current is approximately 5pA at room tem-
perature and increases with temperature as shown in the
typical performance curve “Input Bias Current vs Tempera-
ture.”
Input Bias current also varies with common-mode voltage
and power supply voltage. This variation is dependent on
the voltage between the negative power supply and the
common-mode input voltage. The effect is shown in the
typical performance curve “Input Bias Current vs Common-
Mode Voltage.”
FIGURE 3. Photodetector Amplifier.
R
F
1M
3.3pF
V
O = – RF ID
I
D
λ
OPA137
I
D is proportional to
light intensity (radiant power)
Photodiode
BPW34
C
D = 75pF
OPA137
V
IN
V
OUT
I
OVERLOAD
2mA max
V–
V+
Inputs are internally
clamped to V+ and V–
R
1
0.1
R
2
1k
R
3
10k
OPA241
V
O =
I
L
OPA137
20pF
Load
Ground-referred
output
V
O
V+
R
1 R3
R
2
Zetex
Darlington
ZTX712


Similar Part No. - OPA137PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA137PA BURR-BROWN-OPA137PA Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137PA TI1-OPA137PA Datasheet
784Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results

Similar Description - OPA137PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA137 TI1-OPA137 Datasheet
784Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA4137 BURR-BROWN-OPA4137 Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com