Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA237 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA237
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA237 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA237 Datasheet HTML 2Page - Burr-Brown (TI) OPA237 Datasheet HTML 3Page - Burr-Brown (TI) OPA237 Datasheet HTML 4Page - Burr-Brown (TI) OPA237 Datasheet HTML 5Page - Burr-Brown (TI) OPA237 Datasheet HTML 6Page - Burr-Brown (TI) OPA237 Datasheet HTML 7Page - Burr-Brown (TI) OPA237 Datasheet HTML 8Page - Burr-Brown (TI) OPA237 Datasheet HTML 9Page - Burr-Brown (TI) OPA237 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
®
OPA237, 2237, 4237
APPLICATIONS INFORMATION
OPA237 series op amps are unity-gain stable and suitable
for a wide range of general-purpose applications. Power
supply pins should be bypassed with 10nF ceramic capaci-
tors.
OPERATING VOLTAGE
OPA237 series op amps operate from single (+2.7V to
+36V) or dual (
±1.35V to ±18V) supplies with excellent
performance. Most behavior remains unchanged through-
out the full operating voltage range. Parameters which
vary significantly with operating voltage are shown in
typical performance curves. Specifications are production
tested with +2.7V, +5V, and
±15V supplies.
OUTPUT CURRENT AND STABILITY
OPA237 series op amps can drive large capacitive loads.
However, under certain limited output conditions any op
amp may become unstable. Figure 1 shows the region
where the OPA237 has a potential for instability. These
load conditions are rarely encountered, especially for single
supply applications. For example, take the case when a
+5V supply with a 10k
Ω load to V
S/2 is used. OPA237
series op amps remain stable with capacitive loads up to
4,000pF, if sinking current and up to 10,000pF, if sourcing
current. Furthermore, in single supply applications where
the load is connected to ground, the op amp is only
sourcing current, and as shown in Figure 1, can drive
10,000pF with output currents up to 1.5mA.
FIGURE 1. Stability-Capacitive Load vs Output Current.
FIGURE 2. Low and High-Side Battery Current Sensing.
R
L
10
A1
OPA237
+
R
1
38.3k
R
3
38.3k
R
5
383k
R
6
10k
R
7
9.09k
R
4
20k
R
2
19.1k
A2
OPA237
R
8
100k
R
H
10
I
H
V+
V–
V+
V–
2.7V to ±15V
V+ for A
1, A2
–In
+In
–In
+In
V
O = 10 • IH • RH
To Load
To Load
V
O = 10 • IL • RL
Common-mode range of A2
extends to V– for low-side sensing.
Optional for I
B Cancellation
(R
7 = R6 II R8)
R
2 and R4 divide down the
common-mode input to A1.
Low-Side
Current Sense
High-Side
Current Sense
Out
Out
NOTE: Low and high-side sensing circuits can be used independently.
V– for A
1, A2
I
L
2
0.5
1
1.5
Output Current (mA)
–2
–1.5
–1
–0.5
0
100k
10k
1k
100
10
V
S = +2.7V
V
S = +5V, ±15V
OPERATION NOT
RECOMMENDED


Similar Part No. - OPA237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA2373 BURR-BROWN-OPA2373 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - OPA237

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA237 TI-OPA237 Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com