Electronic Components Datasheet Search |
|
B59870C0130A070 Datasheet(PDF) 3 Page - EPCOS |
|
B59870C0130A070 Datasheet(HTML) 3 Page - EPCOS |
3 / 16 page General technical data Max. operating voltage (TA = 60 °C) Vmax 265 V DC or V AC Rated voltage VR 230 V DC or V AC Switching cycles N 100 Tolerance of RR (Tref = 80 °C or 120 °C) ∆RR ±25 % Tolerance of RR (Tref = 130 °C) ∆RR ±20 % Operating temperature range (V = 0) Top 40/+125 °C Operating temperature range (V = Vmax) Top 0/+60 °C Electrical specifications and ordering codes Type IR mA IS mA ISmax (V = Vmax) A Ir (typ.) (V = Vmax) mA Tref (typ.) °C RR Ω Rmin Ω Approvals Ordering code C810 650 980 7.0 20 130 3.5 2.3 X B59810C0130A070 C830 460 920 7.0 20 120 3.7 2.4 X B59830C0120A070 C830 450 680 4.1 15 130 5 3.3 X B59830C0130A070 C840 330 660 4.1 15 120 6 3.8 X B59840C0120A070 C840 330 500 2.2 13 130 9 5.9 X B59840C0130A070 C830 250 510 7.0 15 80 3.7 2.2 X B59830C0080A070 C850 200 400 2.2 13 120 10 6.4 X B59850C0120A070 C850 200 320 1.5 10 130 13 8.6 X B59850C0130A070 C840 170 350 4.1 10 80 6 3.6 X X B59840C0080A070 C860 140 280 1.5 10 120 15 9 X B59860C0120A070 C860 140 230 1.0 9 130 25 16.5 X B59860C0130A070 C850 110 230 2.2 8 80 10 6 X X B59850C0080A070 C870 100 200 1.0 9 120 25 15 X B59870C0120A070 C870 100 150 0.4 6 130 50 33 X X B59870C0130A070 C860 90 180 1.5 6 80 15 7.8 X X B59860C0080A070 C872 80 160 1.0 9 120 35 21 X B59872C0120A070 C873 70 140 1.0 9 120 45 27 X B59873C0120A070 C870 60 130 1.0 5 80 25 13 X X B59870C0080A070 C874 60 125 1.0 9 120 55 31 X B59874C0120A070 C875 55 110 1.0 9 120 65 36 X B59875C0120A070 C880 55 110 0.4 6 120 70 39 X X B59880C0120A070 C880 55 90 0.2 5 130 160 106 X X B59880C0130A070 C883 35 70 0.4 5 120 120 67 X X B59883C0120A070 C880 30 70 0.4 4 80 70 36.7 X X B59880C0080A070 C890 30 60 0.2 5 120 150 84 X X B59890C0120A070 C890 15 40 0.2 3 80 150 78.7 X X B59890C0080A070 Overcurrent protection Leaded disks, coated, 230 V C810 ... C890 Page 3 of 16 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B59870C0130A070 |
|
Similar Description - B59870C0130A070 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |