Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA244NA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA244NA
Description  MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA244NA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA244NA Datasheet HTML 1Page - Burr-Brown (TI) OPA244NA Datasheet HTML 2Page - Burr-Brown (TI) OPA244NA Datasheet HTML 3Page - Burr-Brown (TI) OPA244NA Datasheet HTML 4Page - Burr-Brown (TI) OPA244NA Datasheet HTML 5Page - Burr-Brown (TI) OPA244NA Datasheet HTML 6Page - Burr-Brown (TI) OPA244NA Datasheet HTML 7Page - Burr-Brown (TI) OPA244NA Datasheet HTML 8Page - Burr-Brown (TI) OPA244NA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OPA244
OPA2244
OPA4244
®
© 1999 Burr-Brown Corporation
PDS-1437C
Printed in U.S.A. December, 1999
FEATURES
q MicroSIZE PACKAGES
OPA244 (Single): SOT-23-5
OPA2244 (Dual): MSOP-8
OPA4244 (Quad): TSSOP-14
q MicroPOWER: I
Q = 50µA/channel
q SINGLE SUPPLY OPERATION
q WIDE BANDWIDTH: 430kHz
q WIDE SUPPLY RANGE:
Single Supply: 2.2V to 36V
Dual Supply:
±1.1V to ±18V
DESCRIPTION
The OPA244 (single), OPA2244 (dual), and OPA4244 (quad)
op amps are designed for very low quiescent current
(50
µA/channel), yet achieve excellent bandwidth. Ideal for
battery powered and portable instrumentation, all versions are
offered in micro packages for space-limited applications.
The dual and quad versions feature completely independent
circuitry for lowest crosstalk and freedom from interaction, even
when overdriven or overloaded.
The OPA244 series is easy to use and free from phase
inversion and overload problems found in some other op amps.
These amplifiers are stable in unity gain and excellent perfor-
mance is maintained as they swing to their specified limits.
They can be operated from single (+2.2V to +36V) or dual
supplies (
±1.1V to ±18V). The input common-mode voltage
range includes ground—ideal for many single supply applica-
tions. All versions have similar performance. However, there
are some differences, such as common-mode rejection. All
versions are interchangeable in most applications.
All versions are offered in miniature, surface-mount packages.
OPA244 (single version) comes in the tiny 5-lead SOT-23-5
surface mount, SO-8 surface mount, and 8-pin DIP. OPA2244
(dual version)
is available in the MSOP-8 surface mount,
SO-8 surface-mount, and 8-pin DIP. The OPA4244 (quad)
comes in the TSSOP-14 surface mount. They are fully specified
from –40
°C to +85°C and operate from –55°C to +125°C.
A SPICE Macromodel is available for design analysis.
Micro
Power, Single-Supply
OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
APPLICATIONS
q BATTERY POWERED SYSTEMS
q PORTABLE EQUIPMENT
q PCMCIA CARDS
q BATTERY PACKS AND POWER SUPPLIES
q CONSUMER PRODUCTS
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2244
8-Pin DIP, SO-8, MSOP-8
A
B
1
2
3
5
4
V+
–In
Out
V–
+In
OPA244
SOT-23-5
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA244
8-Pin DIP, SO-8
®
OPA4244
OPA244
OPA244
OPA2244
OPA2244
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Output D
–Input D
+Input D
–V
+Input C
–Input C
Output C
Output A
–Input A
+Input A
+V
+Input B
–Input B
Output B
OPA4244
TSSOP-14


Similar Part No. - OPA244NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA244NA/250 TI1-OPA244NA/250 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA244NA/250G4 TI1-OPA244NA/250G4 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA244NA/3K TI1-OPA244NA/3K Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA244NA/3KG4 TI1-OPA244NA/3KG4 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA244NA250 NSC-OPA244NA250 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
More results

Similar Description - OPA244NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com