Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2541BM Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2541BM
Description  Dual High Power OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2541BM Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA2541BM Datasheet HTML 1Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 2Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 3Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 4Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 5Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 6Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 7Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
OPA2541
7
0.1µF
+60V
–8V
25k
0.1µF
DAC80-CBI-I
0-2mA
V
O
0-50V
Protects DAC
During Slewing
FIGURE 5. Programmable Voltage Source.
FIGURE 6. 16-Bit Programmable Voltage Source.
100pF
0.5
10k
(1)
FB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
19
1/2
OPA2541
V
OUT = –30V to +30V
1µF
+
+
1µF
+
LSB
MSB
DAC702
±1mA
Digital Word Input
+
1µF
+
1µF
–15V
20
18
23
+15V
17
21
10k
OPA27
2
3
7
4
6
–15V
+15V
–35V
1µF
+
+35V
1µF
NOTE: (1) TCR Tracking Resistors.
5k
(1)


Similar Part No. - OPA2541BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2541BM TI1-OPA2541BM Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2541BM

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
   DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com