Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2631U Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2631U
Description  Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2631U Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2631U Datasheet HTML 4Page - Burr-Brown (TI) OPA2631U Datasheet HTML 5Page - Burr-Brown (TI) OPA2631U Datasheet HTML 6Page - Burr-Brown (TI) OPA2631U Datasheet HTML 7Page - Burr-Brown (TI) OPA2631U Datasheet HTML 8Page - Burr-Brown (TI) OPA2631U Datasheet HTML 9Page - Burr-Brown (TI) OPA2631U Datasheet HTML 10Page - Burr-Brown (TI) OPA2631U Datasheet HTML 11Page - Burr-Brown (TI) OPA2631U Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
®
OPA2631
TYPICAL PERFORMANCE CURVES: VS = +5V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS /2, unless otherwise noted (see Figure 1).
100
10
1
0.1
CLOSED-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
G = +1
R
F = 25Ω
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
INPUT DC ERRORS vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
20
18
16
14
12
10
8
6
4
2
0
Input Offset Voltage
Input Bias Current
10X Input Offset Current
12
10
8
6
4
2
0
POWER SUPPLY AND OUTPUT CURRENT
vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
120
100
80
60
40
20
0
Sinking Output Current
Sourcing Output Current
Quiescent Supply Current


Similar Part No. - OPA2631U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2631U TI1-OPA2631U Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA2631U/2K5 TI1-OPA2631U/2K5 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2631U

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
   SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2631 TI1-OPA2631 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
   LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221_15 Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Analog Devices
OP221 AD-OP221 Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com