Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4234UA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4234UA
Description  Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4234UA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA4234UA Datasheet HTML 2Page - Burr-Brown (TI) OPA4234UA Datasheet HTML 3Page - Burr-Brown (TI) OPA4234UA Datasheet HTML 4Page - Burr-Brown (TI) OPA4234UA Datasheet HTML 5Page - Burr-Brown (TI) OPA4234UA Datasheet HTML 6Page - Burr-Brown (TI) OPA4234UA Datasheet HTML 7Page - Burr-Brown (TI) OPA4234UA Datasheet HTML 8Page - Burr-Brown (TI) OPA4234UA Datasheet HTML 9Page - Burr-Brown (TI) OPA4234UA Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
OPA234, OPA2234, OPA4234
6
SBOS055B
www.ti.com
INPUT NOISE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
1
1k
100
10
Frequency (Hz)
10
100
1k
10k
100k
Current Noise
Voltage Noise
TYPICAL CHARACTERISTIC CURVES
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
–17
–16
–15
–14
–13
–12
–11
–10
–15
–10
–50
5
10
15
V
S = +5V
V
S = +2.7V
V
S = ±15V
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
Ambient Temperature (°C)
–20
–15
–10
–5
0
+5
–75
–50
–25
0
25
50
75
100
125
V
S = +2.7V, +5V
I
OS
V
S = ±15V
I
B
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.1
140
120
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
Frequency (Hz)
1
10
100
1k
10k
100k
1M
C
L = 100pF
G
φ
V
O = 0.25V
V
S = +5V
±15V
V
O =
V
S
2
V
S = +2.7V
CMR
+PSR
POWER-SUPPLY AND COMMON-MODE REJECTION
vs FREQUENCY
Frequency (Hz)
120
110
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
–PSR
V
S = +2.7V, +5V
or
±15V
V
S = +2.7V or +5V
V
S = ±15V
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
160
140
120
100
80
10
100
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
R
L = 10kΩ


Similar Part No. - OPA4234UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4234UA BURR-BROWN-OPA4234UA Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234UA TI-OPA4234UA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA4234UA TI1-OPA4234UA Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA4234UA/2K5 TI1-OPA4234UA/2K5 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA4234UA/2K5E4 TI1-OPA4234UA/2K5E4 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4234UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com