Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0902A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0902A
Description  SAW Filter 435MHz 70MHz BW (SMD 5.0횞5.0 mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0902A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0902A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0902A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0902A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0902A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0902A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0902A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 435MHz 70MHz BW (SMD 5.0×5.0 mm)
MODEL NO.: TB0902A
REV. NO.1
A. MAXIMUM RATING:
1. Operating temperature range: -30°C to 85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
B. Characteristics :
1. Ambient Temperature: 25
°C
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
435
-
Insertion Loss, IL
dB
-
13.2
16.0
-3dB bandwidth
MHz
70
74
-
Passband Ripple Fc+/- 30MHz
dB
-
0.4
1.0
Attenuation:(Reference level from Min IL)
DC ~ 355MHz
dB
40
48
515MHz ~ 700MHz
dB
40
48
Temperature Coefficient
ppm/°C
-
-94
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0902A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0902A GOLLEDGE-TB0902A Datasheet
109Kb / 5P
   SAW Filter 435.0MHz
More results

Similar Description - TB0902A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0693A TAI-SAW-TA0693A Datasheet
286Kb / 6P
   SAW Filter 435MHz SMD 5.0횞5.0 mm
TB0903A TAI-SAW-TB0903A Datasheet
349Kb / 7P
   SAW Filter 751.5MHz 65MHz BW (SMD 5.0횞5.0 mm)
TB1115A TAI-SAW-TB1115A Datasheet
136Kb / 7P
   SAW Filter 745MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1094A TAI-SAW-TB1094A Datasheet
155Kb / 8P
   SAW Filter 237.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB0969A TAI-SAW-TB0969A Datasheet
362Kb / 7P
   SAW Filter 279.7MHz 55MHz BW (SMD 5.0횞5.0 mm)
TB1007A TAI-SAW-TB1007A Datasheet
348Kb / 7P
   SAW Filter 851.24MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1029A TAI-SAW-TB1029A Datasheet
352Kb / 7P
   SAW Filter 745MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1030A TAI-SAW-TB1030A Datasheet
333Kb / 6P
   SAW Filter 974.3MHz 76MHz BW (SMD 5.0횞5.0 mm)
TB1174A TAI-SAW-TB1174A Datasheet
177Kb / 8P
   SAW Filter 238MHz 10MHz BW (SMD 5.0횞5.0 mm)
TB0970A TAI-SAW-TB0970A Datasheet
359Kb / 7P
   SAW Filter 340.5MHz 55MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com