Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2650U Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2650U
Description  Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2650U Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA2650U Datasheet HTML 1Page - Burr-Brown (TI) OPA2650U Datasheet HTML 2Page - Burr-Brown (TI) OPA2650U Datasheet HTML 3Page - Burr-Brown (TI) OPA2650U Datasheet HTML 4Page - Burr-Brown (TI) OPA2650U Datasheet HTML 5Page - Burr-Brown (TI) OPA2650U Datasheet HTML 6Page - Burr-Brown (TI) OPA2650U Datasheet HTML 7Page - Burr-Brown (TI) OPA2650U Datasheet HTML 8Page - Burr-Brown (TI) OPA2650U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
OPA2650
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted. RFB = 25Ω for a gain of +1.
INPUT VOLTAGE AND CURRENT NOISE
vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
100
10
1
Non-inverting and
Inverting Current Noise
Voltage Noise
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
100
90
80
70
60
–4
–3
–2
–1
0
1
2
3
4
Common-Mode Voltage (V)
A
OL, PSR AND CMRR vs TEMPERATURE
100
90
80
70
60
50
40
–50
–25
0
25
50
75
125
Temperature (°C)
A
OL
PSR–
CMRR
PSR+
INPUT BIAS CURRENT vs TEMPERATURE
6
5
4
3
3
2
1
0
–50
–25
0
25
50
75
100
Temperature (°C)
I
B
V
OS
SUPPLY CURRENT vs TEMPERATURE
12
11
10
9
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
I
Q
OUTPUT CURRENT vs TEMPERATURE
110
100
90
80
70
–50
–25
0
25
50
75
100
Temperature (°C)
I
O
I
O
+


Similar Part No. - OPA2650U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2650U TI1-OPA2650U Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650U/2K5 TI1-OPA2650U/2K5 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650UB TI1-OPA2650UB Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650UB/2K5 TI1-OPA2650UB/2K5 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2650U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com