Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2658 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2658
Description  Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2658 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA2658 Datasheet HTML 1Page - Burr-Brown (TI) OPA2658 Datasheet HTML 2Page - Burr-Brown (TI) OPA2658 Datasheet HTML 3Page - Burr-Brown (TI) OPA2658 Datasheet HTML 4Page - Burr-Brown (TI) OPA2658 Datasheet HTML 5Page - Burr-Brown (TI) OPA2658 Datasheet HTML 6Page - Burr-Brown (TI) OPA2658 Datasheet HTML 7Page - Burr-Brown (TI) OPA2658 Datasheet HTML 8Page - Burr-Brown (TI) OPA2658 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
OPA2658
SPECIFICATIONS
At TA = +25°C, VS = ±5V, RL = 100Ω, RFB = 402Ω, unless otherwise noted.
OPA2658P, U, E
OPA2658UB
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
FREQUENCY RESPONSE
Closed-Loop Bandwidth(2)
G = +1(3)
800
T(1)
MHz
G = +2
500
300
T
MHz
G = +5
210
T
MHz
G = +10
130
T
MHz
Bandwidth for 0.1dB Flatness(2)
VO < 0.5Vp-p
135
T
MHz
Slew Rate(4)
G = +2, 2V Step
1700
1000
T
V/
µs
Over Temperature Range
1500
900
T
V/
µs
Settling Time: 0.01%
G = +2, 2V Step
15
T
ns
0.1%
G = +2, 2V Step
12.6
T
ns
1%
G = +2, 2V Step
4.8
T
ns
Spurious Free Dynamic Range
f = 5MHz, G = +2, VO = 2Vp-p
68
T
dB
f = 20MHz, G = +2, VO = 2Vp-p
56
T
dB
Third-Order Intercept Point
f = 10MHz, 4dBm, Each Tone
39
T
dBm
Differential Gain
G = +2, NTSC, VO = 1.4Vp-p, RL = 150Ω
0.01
T
%
Differential Phase
G = +2, NTSC, VO = 1.4Vp-p, RL = 150Ω
0.03
T
degrees
Crosstalk
Input Referred, 5MHz, Channel-to-Channel
–78
T
dB
OFFSET VOLTAGE
Input Offset Voltage
VCM = 0V
±3
±5.5
±2
±4.5
mV
Over Temperature Range
±5
±8
±4
±7mV
Power Supply Rejection
Input Referred, VS = ±4.5 to ±5.5V
55
64
58
68
dB
INPUT BIAS CURRENT
Non-Inverting
VCM = 0V
±4.0
±30
T
±18
µA
Over Temperature Range
±10
±80
T
±35
µA
Inverting
VCM = 0V
±2.9
±35
TT
µA
Over Temperature Range
±30
±75
TT
µA
NOISE
Input Voltage Noise
Noise Density: f = 100Hz
16
T
nV/
√Hz
f = 10kHz
3.6
T
nV/
√Hz
f
≥ 1MHz
3.2
T
nV/
√Hz
Integrated Noise:
fB = 100Hz to 200MHz
45
T
µVr ms
Input Bias Current Noise Density
Inverting: f
≥ 1MHz
32
T
pA/
√Hz
Non-Inverting: f
≥ 1MHz
11.9
T
pA/
√Hz
INPUT VOLTAGE RANGE
Common-mode Input Range
±2.9
T
V
Over Temperature Range
±2.5
T
V
Common-mode Rejection
Input Referred, VCM = ±1V
45
50
TT
dB
INPUT IMPEDANCE
Non-Inverting
500 || 1
T
k
Ω || pF
Inverting
50
T
OPEN-LOOP TRANSIMPEDANCE
Open-loop Transimpedance
VO = ±2V, RL = 100Ω
150
180
200
T
k
Over Temperature Range
100
150
k
OUTPUT
Voltage Output
No Load
±2.7
±3.0
TT
V
Over Temperature Range
±2.5
±2.8
TT
V
Voltage Output
RL = 250Ω±2.7
±2.9
TT
V
Over Temperature Range
±2.5
±2.8
TT
V
Voltage Output
RL = 100Ω±2.2
±2.6
TT
V
Over Temperature Range
±2.0
±2.4
TT
V
Output Current, Sourcing
80
120
TT
mA
Over Temperature Range
70
T
mA
Output Current, Sinking
60
80
TT
mA
Over Temperature Range
35
T
mA
Short Circuit Current
150
T
mA
Output Resistance
f < 100kHz, G = +2
0.06
T
POWER SUPPLY
Specified Operating Voltage
±5
T
V
Operating Voltage Range
±4.5
±5.5
TT
V
Quiescent Current
Both Channels, VS = ±5V
±10
±15.5
T
±11.5
mA
Over Temperature
±11
±17
T
±13
mA
THERMAL CHARACTERISTICS
Temperature Range
Specification: P, U, E, UB
–40
+85
TT
°C
Thermal Resistance,
θ
JA
P 8-Pin DIP
100
T
°C/W
U SO-8
125
T
°C/W
E MSOP-8
150
T
°C/W
NOTES: (1) An asterisk (T) specifies the same value as the grade to the left. (2) Frequency response can be strongly influenced by PC board parasitics. The
demonstration boards show low parasitic layouts for this part. Refer to the demonstration board layout for details. (3) At G = +1, RFB = 560Ω for DIP and
MSOP-8, and 402
Ω for SO-8. (4) Slew rate is rate of change from 10% to 90% of output voltage step.


Similar Part No. - OPA2658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658E TI1-OPA2658E Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658E/250 TI1-OPA2658E/250 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658E/2K5 TI1-OPA2658E/2K5 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658P TI1-OPA2658P Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com