Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2658U Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2658U
Description  Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2658U Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA2658U Datasheet HTML 5Page - Burr-Brown (TI) OPA2658U Datasheet HTML 6Page - Burr-Brown (TI) OPA2658U Datasheet HTML 7Page - Burr-Brown (TI) OPA2658U Datasheet HTML 8Page - Burr-Brown (TI) OPA2658U Datasheet HTML 9Page - Burr-Brown (TI) OPA2658U Datasheet HTML 10Page - Burr-Brown (TI) OPA2658U Datasheet HTML 11Page - Burr-Brown (TI) OPA2658U Datasheet HTML 12Page - Burr-Brown (TI) OPA2658U Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
®
OPA2658
CAPACITIVE LOADS
The OPA2658’s output stage has been optimized to drive
low resistive loads. Capacitive loads, however, will decrease
the amplifier’s phase margin which may cause high fre-
quency peaking or oscillations. Capacitive loads greater than
5pF should be buffered by connecting a small resistance,
usually 10
Ω to 35Ω, in series with the output as shown in
Figure 5. This is particularly important when driving high
capacitance loads such as flash A/D converters.
In general, capacitive loads should be minimized for opti-
mum high frequency performance. Coax lines can be driven
if the cable is properly terminated. The capacitance of coax
cable (29pF/foot for RG-58) will not load the amplifier
when the coaxial cable or transmission line is terminated
with its characteristic impedance.
COMPENSATION
The OPA2658 is internally compensated and is stable in
unity gain with a phase margin of approximately 62
°, and
approximately 64
° in a gain of +2V/V when used with the
recommended feedback resistor value. Frequency response
for other gains are shown in the Typical Performance Curves.
The high-frequency response of the OPA2658 in a good
layout is very flat with frequency.
DISTORTION
The OPA2658’s Harmonic Distortion characteristics into a
100
Ω load are shown versus frequency and power output in
the Typical Performance Curves. Distortion can be further
improved by increasing the load resistance as illustrated in
Figure 6. Remember to include the contribution of the
feedback resistance when calculating the effective load re-
sistance seen by the amplifier.
Narrowband communication channel requirements will ben-
efit from the OPA2658’s wide bandwidth and low
intermodulation distortion on low quiescent power. If output
signal power at two closely spaced frequencies is required,
third-order nonlinearities in any amplifier will cause spuri-
ous power at frequencies very near the two funda-
mental frequencies. If the two test frequencies, f1 and f2,
are specified in terms of average and delta frequency,
f
O = (f1 + f2)/2 and ∆f =  f2 – f1, the two, third-order,
close-in spurious tones will appear at fO ±3 • ∆f. The two
FIGURE 5. Driving Capacitive Loads.
C
L
R
L
50
R
S
10
Ω to 35Ω
402
402
1/2
OPA2658
tone, third-order spurious plot shown in Figure 7 indicates
how far below these two equal power, closely spaced, tones
the intermodulation spurious will be. The single tone power
is at a matched 50
Ω load. The unique design of the OPA2658
provides much greater spurious free range than what a two-
tone third-order intermodulation intercept specification would
predict. This can be seen in Figure 7 as the spurious free
range actually increases at the higher output power levels.
–55
–60
–65
–70
–75
–80
–85
5MHz HARMONIC DISTORTION vs
LOAD RESISTANCE (G = +2)
Load Resistance (
Ω)
10
100
1k
G = +2, V
O = 2Vp-p, fO = 5MHz
3f
O
2f
O
FIGURE 6. 5MHz Harmonic Distortion vs Load Resistance.
–65
–70
–75
–80
–85
–90
–18 –16 –14 –12 –10
–8
–6
–4
–2
0
2
4
TWO TONE, THIRD-ORDER SPURIOUS LEVELS
Single Tone Power (dBm)
20MHz
10MHz
5MHz
CROSSTALK
Crosstalk is the undesired result of the signal of one channel
mixing with and reproducing itself in the output of the other
channel. Crosstalk occurs in most multichannel integrated
circuits. In dual devices, the effect of crosstalk is measured by
driving one channel and observing the output of the undriven
channel over various frequencies. The magnitude of this effect
is referenced in terms of channel- to-channel isolation and
expressed in decibels. "Input referred" points to the fact that
there is a direct correlation between gain and crosstalk, there-
fore at increased gain, crosstalk also increases by a factor
equal to that of the gain. Figure 8 illustrates the measured
effect of crosstalk in the OPA2658U.
FIGURE 7. Third-Order Intercept Point vs Frequency.


Similar Part No. - OPA2658U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658U TI1-OPA2658U Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658U/2K5 TI1-OPA2658U/2K5 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658UB TI1-OPA2658UB Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658UB/2K5 TI1-OPA2658UB/2K5 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2658U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com