Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1022A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1022A
Description  IF SAW Filter 827.4MHz SMD 13.3X6.5mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1022A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1022A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1022A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1022A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1022A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1022A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1022A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1022A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
C. Frequency Characteristics :
(1) Narrow band Response:(span 50MHz)
Fig1. Horizontal: 5MHz/Div Vertical: 10dB/Div
(2) Pass band Response and Group Time Delay response:
Fig2. Horizontal: 1MHz/Div Vertical: 1dB/Div
Vertical: 100ns/Div


Similar Part No. - TB1022A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1022A GOLLEDGE-TB1022A Datasheet
135Kb / 6P
   SAW Filter 827.40MHz
More results

Similar Description - TB1022A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1023A TAI-SAW-TB1023A Datasheet
338Kb / 6P
   IF SAW Filter 827.4MHz SMD 13.3X6.5mm
TB1008A TAI-SAW-TB1008A Datasheet
170Kb / 7P
   IF SAW Filter 828MHz SMD 13.3X6.5mm
TB1009A TAI-SAW-TB1009A Datasheet
170Kb / 7P
   IF SAW Filter 873MHz SMD 13.3X6.5mm
TB1024A TAI-SAW-TB1024A Datasheet
344Kb / 6P
   IF SAW Filter 872.4MHz SMD 13.3X6.5mm
TB1182A TAI-SAW-TB1182A Datasheet
179Kb / 7P
   IF SAW Filter 793MHz SMD 13.3X6.5mm
TB0880A TAI-SAW-TB0880A Datasheet
371Kb / 6P
   IF SAW Filter 830MHz SMD 13.3X6.5mm
TB1183A TAI-SAW-TB1183A Datasheet
179Kb / 7P
   IF SAW Filter 738MHz SMD 13.3X6.5mm
TB0883A TAI-SAW-TB0883A Datasheet
377Kb / 6P
   IF SAW Filter 875MHz SMD 13.3X6.5mm
TB1366A TAI-SAW-TB1366A Datasheet
388Kb / 7P
   140MHz 9.3MHz BW SMD 13.3x6.5mm SAW IF Filter
TB0805A TAI-SAW-TB0805A Datasheet
390Kb / 7P
   IF SAW Filter 874MHz(BW=15.1MHz) SMD 13.3X6.5mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com