Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2677H Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2677H
Description  Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2677H Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA2677H Datasheet HTML 1Page - Burr-Brown (TI) OPA2677H Datasheet HTML 2Page - Burr-Brown (TI) OPA2677H Datasheet HTML 3Page - Burr-Brown (TI) OPA2677H Datasheet HTML 4Page - Burr-Brown (TI) OPA2677H Datasheet HTML 5Page - Burr-Brown (TI) OPA2677H Datasheet HTML 6Page - Burr-Brown (TI) OPA2677H Datasheet HTML 7Page - Burr-Brown (TI) OPA2677H Datasheet HTML 8Page - Burr-Brown (TI) OPA2677H Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
OPA2677
TYPICAL PERFORMANCE CURVES: VS = ±6V
At TA = +25°C, G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 1 for AC performance only
NON-INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
6
3
0
–3
–6
–9
–12
–15
–18
V
O = 0.5Vp-p
See Figure 1.
G = +8
R
F = 250Ω
G = +2
R
F = 475Ω
G = +4
R
F = 402Ω
G = +1
R
F = 511Ω
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
6
3
0
–3
–6
–9
–12
–15
–18
V
O = 0.5Vp-p
G = –8, R
F = 280Ω
G = –2, R
F = 422Ω
G = –8, R
F = 280Ω
G = –4, R
F = 383Ω
NON-INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
18
15
12
9
6
3
0
–3
–6
–9
–12
–15
G = +4, See Figure 1
V
O = 10Vp-p
V
O = 8Vp-p
V
O = 2Vp-p
V
O ≤ 1Vp-p
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
18
15
12
9
6
3
0
–3
–6
–9
–12
–15
G = –4
R
F = 383Ω
V
O = 8Vp-p
V
O = 10Vp-p
V
O = 5Vp-p
V
O ≤ 1Vp-p
NON-INVERTING PULSE RESPONSE
Time (5ns/div)
5Vp-p
G = +4
200mVp-p
Left Scale
Large Signal
Right Scale
Small Signal
INVERTING PULSE RESPONSE
Time (5ns/div)
5Vp-p
Left Scale
Large Signal
Right Scale
200mVp-p
Small Signal


Similar Part No. - OPA2677H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677H TI1-OPA2677H Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677H TI1-OPA2677H Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677H-2K5 TI1-OPA2677H-2K5 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677H-2K5G3 TI1-OPA2677H-2K5G3 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677H/2K5 TI1-OPA2677H/2K5 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
More results

Similar Description - OPA2677H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com