Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2680N Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2680N
Description  Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2680N Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA2680N Datasheet HTML 7Page - Burr-Brown (TI) OPA2680N Datasheet HTML 8Page - Burr-Brown (TI) OPA2680N Datasheet HTML 9Page - Burr-Brown (TI) OPA2680N Datasheet HTML 10Page - Burr-Brown (TI) OPA2680N Datasheet HTML 11Page - Burr-Brown (TI) OPA2680N Datasheet HTML 12Page - Burr-Brown (TI) OPA2680N Datasheet HTML 13Page - Burr-Brown (TI) OPA2680N Datasheet HTML 14Page - Burr-Brown (TI) OPA2680N Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
®
OPA2680
11
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE FEEDBACK OPERATION
The OPA2680 provides an exceptional combination of high
output power capability in a dual, wideband, unity gain
stable voltage feedback op amp using a new high slew rate
input stage. Typical differential input stages used for voltage
feedback op amps are designed to steer a fixed-bias current
to the compensation capacitor, setting a limit to the achiev-
able slew rate. The OPA2680 uses a new input stage which
places the transconductance element between two input
buffers, using their output currents as the forward signal. As
the error voltage increases across the two inputs, an increas-
ing current is delivered to the compensation capacitor. This
provides very high slew rate (1800V/
µs) while consuming
relatively low quiescent current (6.4mA/ch.). This excep-
tional full power performance comes at the price of a slightly
higher input noise voltage than alternative architectures. The
4.8nV/
√Hz input voltage noise for the OPA2680 is excep-
tionally low for this type of input stage.
Figure 1 shows the DC-coupled, gain of +2, dual power
supply circuit configuration used as the basis of the
±5V
Specifications and Typical Performance Curves. This is for
one channel. The other channel is connected similarly. For
test purposes, the input impedance is set to 50
Ω with a
resistor to ground and the output impedance is set to 50
with a series output resistor. Voltage swings reported in the
specifications are taken directly at the input and output pins,
while output powers (dBm) are at the matched 50
Ω load. For
the circuit of Figure 1, the total effective load will be 100
|| 804
Ω. The disable control line (SO-14 package only) is
typically left open to guarantee normal amplifier operation.
Two optional components are included in Figure 1. An
additional resistor (175
Ω) is included in series with the non-
inverting input. Combined with the 25
Ω DC source resis-
tance looking back towards the signal generator, this gives an
input bias current cancelling resistance that matches the
200
Ω source resistance seen at the inverting input (see the
DC Accuracy and Offset Control section). In addition to the
usual power supply decoupling capacitors to ground, a 0.1
µF
capacitor is included between the two power supply pins. In
practical PC board layouts, this optional-added capacitor will
typically improve the 2nd harmonic distortion performance
by 3dB to 6dB.
Figure 2 shows the AC-coupled, gain of +2, single supply
circuit configuration which is the basis of the +5V Specifi-
cations and Typical Performance Curves. Though not a “rail-
to-rail” design, the OPA2680 requires minimal input and
output voltage headroom compared to other very wideband
voltage feedback op amps. It will deliver a 3Vp-p output
swing on a single +5V supply with >150MHz bandwidth.
The key requirement of broadband single-supply operation is
to maintain input and output signal swings within the useable
voltage ranges at both the input and the output. The circuit
of Figure 2 establishes an input midpoint bias using a simple
resistive divider from the +5V supply (two 698
Ω resistors).
Separate networks would be required at each input. The
input signal is then AC-coupled into the midpoint voltage
bias. The input voltage can swing to within 1.5V of either
supply pin, giving a 2Vp-p input signal range centered
between the supply pins. The input impedance matching
resistor (59
Ω) used for testing is adjusted to give a 50Ω input
load when the parallel combination of the biasing divider
network is included. Again, an additional resistor (50
Ω in
this case) is included directly in series with the non-inverting
input. This minimum recommended value provides part of
the DC source resistance matching for the non-inverting
input bias current. It is also used to form a simple parasitic
pole to roll off the frequency response at very high frequen-
cies (>500MHz) using the input parasitic capacitance. The
gain resistor (RG) is AC-coupled, giving the circuit a DC
gain of +1, which puts the input DC bias voltage (2.5V) on
the output as well. The output voltage can swing to within
1V of either supply pin while delivering >100mA output
FIGURE 1. DC-Coupled, G = +2, Bipolar Supply, Specifi-
cation and Test Circuit.
FIGURE 2. AC-Coupled, G = +2, Single Supply Specifica-
tion and Test Circuit.
1/2
OPA2680
+5V
+
DIS
–5V
50
Ω Load
50
175
50
V
O
V
D
V
I
50
Ω Source
R
G
402
R
F
402
+
6.8µF
0.1µF
6.8µF
0.1µF
0.1µF
1/2
OPA2680
+5V
+V
S
DIS
V
S/2
698
100
V
O
V
D
V
I
698
50
R
G
402
R
F
402
0.1µF
0.1µF
59
+
6.8µF
0.1µF


Similar Part No. - OPA2680N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2680N TI1-OPA2680N Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2680N/2K5 TI1-OPA2680N/2K5 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA2680N

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com