Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF23 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # SF23
Description  Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF23 Datasheet(HTML) 7 Page - Leshan Radio Company

  SF23 Datasheet HTML 1Page - Leshan Radio Company SF23 Datasheet HTML 2Page - Leshan Radio Company SF23 Datasheet HTML 3Page - Leshan Radio Company SF23 Datasheet HTML 4Page - Leshan Radio Company SF23 Datasheet HTML 5Page - Leshan Radio Company SF23 Datasheet HTML 6Page - Leshan Radio Company SF23 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4.Update Record
版次
1
第一版
余波
2010/7/29
SF21 thru SF28
更新记录
更新作者
更新日期


Similar Part No. - SF23

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF23 MOSPEC-SF23 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
HY ELECTRONIC CORP.
SF23 HY-SF23 Datasheet
406Kb / 3P
   Super Fast Recovery Recitifiers
logo
EIC discrete Semiconduc...
SF23 EIC-SF23 Datasheet
43Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Leshan Radio Company
SF23 LRC-SF23 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
Rugao Dachang Electroni...
SF23 DACHANG-SF23 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
More results

Similar Description - SF23

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF21G LRC-SF21G Datasheet
261Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMAF210 LRC-EFMAF210 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF280 LRC-EFMAF280 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMBF201 LRC-EFMBF201 Datasheet
243Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFM201 LRC-EFM201 Datasheet
187Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMA210 LRC-EFMA210 Datasheet
220Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMBF208 LRC-EFMBF208 Datasheet
243Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF61 LRC-SF61 Datasheet
205Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com